Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP38869MHE/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # LP38869MHE/NOPB
Description  1A FlexCap, Low-Dropout Linear Regulator with 0.75% Accuracy
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LP38869MHE/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  LP38869MHE/NOPB Datasheet HTML 1Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 2Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 3Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 4Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 5Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 6Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 7Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 8Page - Texas Instruments LP38869MHE/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
IN
IN
N/C
OUT
SET
GND
IN
SS
N/C
IN
OUT
OUT
OUT
N/C
1
2
3
4
8
7
6
5
9
10
11
12
13
14
15
16
Exposed Pad
on Bottom
(DAP)
RST
SHDN
LP38869
SNVS877B – AUGUST 2012 – REVISED APRIL 2013
www.ti.com
Connection Diagram
Figure 1. Top View
16-Pin HTSSOP
Pin Descriptions for 16-Pin HTSSOP Packages
Pin #
Pin Name
Description
Application Information
1
N/C
No Connection
No Internal Electrical Connection
Operates from +2.7V to +5.5V. Bypass capacitor is required, located close to the
2, 3, 4, 5
IN
Positive power input
package; 1
μF is recommended as a minimum value
Open-drain output is low when VOUT is 8% below normal regulation voltage. If
6
RST
RESET Output
regulation returns RST remains low for at least 3ms afterwards. Use large value
pull-up resistor (100 k
Ω) to VOUT to obtain output voltage.
A logic low state on the SHDN input will turn the regulator off, and will discharge
7
SHDN
SHUTDOWN Input
any capacitor on the SS pin. A logic high on the SHDN pin will turn the regulator
ON.
8
SS
Soft-Start control
Connect a capacitor from SS to GND. If SS is left open SS feature is disabled
9
N/C
No Connection
No Internal Electrical Connection
10
GND
Power Ground
Return connection for input and output voltages.
Used to select between Pre-Set Mode or Adjustable Mode. Connect to ground
11
SET
Operational Mode Selection
(Pre-Set Mode) or to a resistor divider from VOUT to SET pin to GND (Adjustable
Mode).
12, 13,
Regulated output voltage. A bypass capacitor is required, located close to the
OUT
Regulated output
14, 15
package; 1
μF recommended as the minimum value
16
N/C
No Connection
No Internal Electrical Connection
Solder the DAP to a copper plane under the package to improve thermal
Exposed
performance. DAP can be connected to ground at device Pin 10. Optionally, but
DAP
Thermal Connection
Pad
not recommended, the DAP can be left floating. Do not connect DAP to any
potential other than ground. See Operating Region and Power Dissipation.
2
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: LP38869



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com