Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS5UD Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PESDXS5UD
Description  Fivefold ESD protection diode arrays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS5UD Datasheet(HTML) 5 Page - NXP Semiconductors

  PESDXS5UD Datasheet HTML 1Page - NXP Semiconductors PESDXS5UD Datasheet HTML 2Page - NXP Semiconductors PESDXS5UD Datasheet HTML 3Page - NXP Semiconductors PESDXS5UD Datasheet HTML 4Page - NXP Semiconductors PESDXS5UD Datasheet HTML 5Page - NXP Semiconductors PESDXS5UD Datasheet HTML 6Page - NXP Semiconductors PESDXS5UD Datasheet HTML 7Page - NXP Semiconductors PESDXS5UD Datasheet HTML 8Page - NXP Semiconductors PESDXS5UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
PESDXS5UD_SER_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
5 of 13
NXP Semiconductors
PESDxS5UD series
Fivefold ESD protection diode arrays
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1, 3, 4, 5 or 6 to 2.
Cd
diode capacitance
f = 1 MHz; VR =0V
PESD3V3S5UD
-
215
300
pF
PESD5V0S5UD
-
165
220
pF
PESD12VS5UD
-
73
100
pF
PESD15VS5UD
-
60
90
pF
PESD24VS5UD
-
45
70
pF
VCL
clamping voltage
[1][2]
PESD3V3S5UD
IPP = 1 A
--8
V
IPP = 20 A
--12
V
PESD5V0S5UD
IPP = 1 A
--8
V
IPP = 20 A
--13
V
PESD12VS5UD
IPP = 1 A
--17
V
IPP = 10 A
--24
V
PESD15VS5UD
IPP = 1 A
--22
V
IPP = 6 A
--33
V
PESD24VS5UD
IPP = 1 A
--33
V
IPP = 4 A
--52
V
rdif
differential resistance
IR = 5 mA
--25
Ω
Table 8.
Characteristics …continued
Tamb =25 °C unless otherwise specified.
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
Fig 3.
Peak pulse power as a function of exponential
pulse duration; typical values
Fig 4.
Relative variation of peak pulse power as a
function of junction temperature; typical values
006aaa698
tp (µs)
1104
103
10
102
10
102
103
104
PPP
(W)
1
Tj (°C)
0
200
150
50
100
001aaa633
0.4
0.8
1.2
PPP
0
PPP(25°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com