Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PESDXS5UD Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PESDXS5UD
Description  Fivefold ESD protection diode arrays
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PESDXS5UD Datasheet(HTML) 3 Page - NXP Semiconductors

  PESDXS5UD Datasheet HTML 1Page - NXP Semiconductors PESDXS5UD Datasheet HTML 2Page - NXP Semiconductors PESDXS5UD Datasheet HTML 3Page - NXP Semiconductors PESDXS5UD Datasheet HTML 4Page - NXP Semiconductors PESDXS5UD Datasheet HTML 5Page - NXP Semiconductors PESDXS5UD Datasheet HTML 6Page - NXP Semiconductors PESDXS5UD Datasheet HTML 7Page - NXP Semiconductors PESDXS5UD Datasheet HTML 8Page - NXP Semiconductors PESDXS5UD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PESDXS5UD_SER_2
© NXP B.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 7 December 2006
3 of 13
NXP Semiconductors
PESDxS5UD series
Fivefold ESD protection diode arrays
5.
Limiting values
[1]
Non-repetitive current pulse 8/20
µs exponential decay waveform according to IEC 61000-4-5.
[2]
Measured from pin 1, 3, 4, 5 or 6 to 2.
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1, 3, 4, 5 or 6 to 2.
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
PPP
peak pulse power
tp = 8/20 µs
[1][2] -
200
W
IPP
peak pulse current
tp = 8/20 µs
[1][2]
PESD3V3S5UD
-
20
A
PESD5V0S5UD
-
20
A
PESD12VS5UD
-
10
A
PESD15VS5UD
-
6
A
PESD24VS5UD
-
4
A
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 6.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge voltage
IEC 61000-4-2
(contact discharge)
[1][2]
PESD3V3S5UD
-
30
kV
PESD5V0S5UD
-
30
kV
PESD12VS5UD
-
30
kV
PESD15VS5UD
-
30
kV
PESD24VS5UD
-
23
kV
PESDxS5UD series
MIL-STD-883 (human
body model)
-10
kV
Table 7.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 10 kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com