Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4626 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC4626
Description  Power CMOS Drivers With Voltage Tripler
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4626 Datasheet(HTML) 1 Page - Microchip Technology

  TC4626 Datasheet HTML 1Page - Microchip Technology TC4626 Datasheet HTML 2Page - Microchip Technology TC4626 Datasheet HTML 3Page - Microchip Technology TC4626 Datasheet HTML 4Page - Microchip Technology TC4626 Datasheet HTML 5Page - Microchip Technology TC4626 Datasheet HTML 6Page - Microchip Technology TC4626 Datasheet HTML 7Page - Microchip Technology TC4626 Datasheet HTML 8Page - Microchip Technology TC4626 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21426B-page 1
TC4626/TC4627
Features
• Power Driver With On Board Voltage Booster
•Low IDD –<4mA
• Small Package – 8-Pin PDIP
• Under-Voltage Circuitry
• Fast Rise-Fall Time – <40nsec @1000pF
• Below-Rail Input Protection
Applications
• Raises 5V to drive higher – Vgs (ON) MOSFETs
• Eliminates one system power supply
Device Selection Table
Package Type
General Description
The TC4626/TC4627 are single CMOS high speed
drivers with an on-board voltage boost circuit. These
parts work with an input supply voltage from 4 to 6 volts.
The internal voltage booster will produce a VBOOST
potential up to 12 volts above VIN.This VBOOST is not
regulated, so its voltage is dependent on the input VDD
voltage and output drive loading requirements. An
internal undervoltage lockout circuit keeps the output in
a low state when VBOOST drops below 7.8 volts. Output
is enabled when VBOOST is above 11.3 volts.
Functional Block Diagram
Part
Number
Package
Temp. Range
TC4626COE
16-Pin SOIC (Wide)
-55°C to +125°C
TC4626CPA
8-Pin PDIP
-40°C to +85°C
TC4626EOE
16-Pin SOIC (Wide)
-40°C to +85°C
TC4626EPA
8-Pin PDIP
0°C to +70°C
TC4626MJA
8-Pin CERDIP
0°C to +70°C
TC4627COE
16-Pin SOIC (Wide)
-55°C to +125°C
TC4627CPA
8-Pin PDIP
-40°C to +85°C
TC4627EOE
16-Pin SOIC (Wide)
-40°C to +85°C
TC4627EPA
8-Pin PDIP
0°C to +70°C
TC4627MJA
8-Pin CERDIP
0°C to +70°C
1
2
3
4
5
6
7
8
IN
OUT
C1+
C2
GND
1
2
3
4
13
14
15
16
VBOOST
NC
IN
C1–
NC
C1+
NC
NC
VDD
C1–
VDD
5
6
7
8
9
10
11
12
C2
NC
NC
GND
NC
VBOOST
NC
OUT
TC4626
TC4627
TC4626
TC4627
8-Pin PDIP/CERDIP
16-Pin SOIC (Wide)
Voltage
Booster
Clock
C1+
C1-
C2
In
GND
EXT
Output
VBOOST
EXT
V = 2 x VDD
VDD
1
2
3
8
7
4
6
5
C3
Noninverting
TC4627
Inverting
TC4626
(Unregulated 3 x VDD)
UV LOCK
C2
EXT
C1
+
+
+
NOTE: Pin numbers correspond to 8-pin package.
Power CMOS Drivers With Voltage Tripler


Similar Part No. - TC4626

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC4626 TELCOM-TC4626 Datasheet
75Kb / 7P
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
TC4626COE TELCOM-TC4626COE Datasheet
75Kb / 7P
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
logo
Microchip Technology
TC4626COE MICROCHIP-TC4626COE Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
logo
TelCom Semiconductor, I...
TC4626CPA TELCOM-TC4626CPA Datasheet
75Kb / 7P
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
logo
Microchip Technology
TC4626CPA MICROCHIP-TC4626CPA Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
More results

Similar Description - TC4626

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2238 NJRC-NJM2238 Datasheet
189Kb / 5P
VIDEO SUB-CARRIER SIGNAL TRIPLER
NJU7670 NJRC-NJU7670 Datasheet
240Kb / 7P
VOLTAGE TRIPLER
logo
National Semiconductor ...
DS1631 NSC-DS1631 Datasheet
153Kb / 8P
CMOS Dual Peripheral Drivers
logo
TelCom Semiconductor, I...
TC4626 TELCOM-TC4626 Datasheet
75Kb / 7P
POWER CMOS DRIVERS WITH VOLTAGE TRIPLER
logo
Texas Instruments
TPS60140 TI-TPS60140 Datasheet
476Kb / 18P
LOW POWER DC-DC CONVERTER REGULATED 5 V, 100-mA CHARGE PUMP VOLTAGE TRIPLER
logo
Fairchild Semiconductor
RMWT11001 FAIRCHILD-RMWT11001 Datasheet
125Kb / 7P
11-33 GHz Tripler MMIC
logo
BOWEI Integrated Circui...
HE011 BOWEI-HE011 Datasheet
333Kb / 3P
Daubler Tripler Quintapler
logo
Microchip Technology
TC4626 MICROCHIP-TC4626_13 Datasheet
255Kb / 18P
Power CMOS Drivers With Voltage Tripler
2001-2012 11/27/12
logo
Texas Instruments
TPS60140 TI-TPS60140_15 Datasheet
958Kb / 24P
LOW POWER DC-DC CONVERTER REGULATED 5V,100-MA CHARGE PUMP VOLTAGE TRIPLER
DS1631 TI1-DS1631_11 Datasheet
403Kb / 10P
CMOS Dual Peripheral Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com