Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534 Datasheet(PDF) 6 Page - Microchip Technology

Part # TC534
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC534 Datasheet(HTML) 6 Page - Microchip Technology

Back Button TC534 Datasheet HTML 2Page - Microchip Technology TC534 Datasheet HTML 3Page - Microchip Technology TC534 Datasheet HTML 4Page - Microchip Technology TC534 Datasheet HTML 5Page - Microchip Technology TC534 Datasheet HTML 6Page - Microchip Technology TC534 Datasheet HTML 7Page - Microchip Technology TC534 Datasheet HTML 8Page - Microchip Technology TC534 Datasheet HTML 9Page - Microchip Technology TC534 Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
TC530/TC534
DS21433B-page 6
© 2002 Microchip Technology Inc.
16
16
23
20
DOUT
Logic Level Output. Serial port data output pin. This pin is
enabled only when R/W is high.
17
17
24
21
DCLK
Logic Input, Positive and Negative Edge Triggered. Serial
port clock. When R/W is high, serial data is clocked out of
the TC530/TC534A (on DOUT) at each high-to-low transition
of DCLK. A/D initialization data (LOAD VALUE) is clocked
into the TC530/TC534 (on DIN) at each low-to-high transi-
tion of DCLK.A maximum serialport DCLK frequency of
3MHz is permitted.
18
18
25
22
DIN
Logic Level Input. Serial port input pin. The A/D converter
integration time (TINT) and Auto Zero time (TAZ) values are
determined by the LOAD VALUE byte clocked into this pin.
This initialization must take place at power up, and can be
rewritten (or modified and rewritten) at any time. The LOAD
VALUE is clocked into DIN MSB first.
19
19
26
23
R/W
Logic Level Input. This pin must be brought low to perform a
write to the serial port (e.g. initialize the A/D converter). The
DOUT pin of the serial port is enabled only when this pin is
high.
20
20
27
24
EOC
Open Drain Output. End-of-Conversion (EOC)is asserted
any time the TC530/TC534 is in the AZ phase of conver-
sion. This occurs when either the TC530/TC534 initiates a
normal AZ phase or when RESET is pulled high. EOC is
returned high when the TC530/TC534 exits AZ. Since EOC
is driven low immediately following completion of a conver-
sion cycle, it can be used as a DATA READY processor
interrupt.
21
21
30
28
RESET
Logic Level Input. It is necessary to force the TC530/TC534
into the Auto Zero phase when power is initially applied.
This is accomplished by momentarily taking RESET high.
Using an I/O port line from the microprocessor or by apply-
ing an external system reset signal or by connecting a
0.01
µF capacitor from the RESET input to VDD.Conver-
sions are performed continuously as long as RESET is low
and conversion is halted when RESET is high. RESET may
therefore be used in a complex system to momentarily sus-
pend conversion (for example, while the address lines of an
input multiplexer are changing state). In this case, RESET
should be pulled high only when the EOC is LOW to avoid
excessively long integrator discharge times which could
result in erroneous conversion. (See Applications Section).
22
22
32
30
VCCD
Analog Input. Power supply connection for digital logic and
serial port. Proper power-up sequencing is critical, see the
Applications section.
23
23
34
32
OSC
Input. The negative power supply converter normally runs at
a frequency of 100kHz. This frequency can be slowed down
to reduce quiescent current by connecting an external
capacitor between this pin and V+DD.
See Section 6.0, Typical Characteristics.
25
25
37
35
VDD
Analog Input. Power supply connection for the A/D analog
section and DC-DC converter. Proper power-up sequencing
is critical, (See the Applications section).
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(TC530)
28-Pin PDIP
Pin Number
(TC530)
28-Pin SOIC
Pin Number
(TC534)
40-Pin PDIP
Pin Number
(TC534)
44-Pin
PQFP
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com