Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC534 Datasheet(PDF) 17 Page - Microchip Technology

Part # TC534
Description  5V Precision Data Acquisition Subsystems
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC534 Datasheet(HTML) 17 Page - Microchip Technology

Back Button TC534 Datasheet HTML 13Page - Microchip Technology TC534 Datasheet HTML 14Page - Microchip Technology TC534 Datasheet HTML 15Page - Microchip Technology TC534 Datasheet HTML 16Page - Microchip Technology TC534 Datasheet HTML 17Page - Microchip Technology TC534 Datasheet HTML 18Page - Microchip Technology TC534 Datasheet HTML 19Page - Microchip Technology TC534 Datasheet HTML 20Page - Microchip Technology TC534 Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
© 2002 Microchip Technology Inc.
DS21433B-page 17
TC530/TC534
7.3
Package Dimensions
PIN 1
3
˚ MIN.
28-Pin PDIP (Narrow)
1.400 (35.56)
1.345 (34.16)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.070 (1.78)
.045 (1.14)
.150 (3.81)
.115 (2.92)
.045 (1.14)
.030 (0.76)
.288 (7.32)
.240 (6.10)
.200 (5.08)
.140 (3.56)
.015 (0.38)
.008 (0.20)
.400 (10.16)
.310 (7.87)
.310 (7.87)
.290 (7.37)
.040 (1.02)
.015 (0.38)
Dimensions: inches (mm)
2.065 (52.45)
2.027 (51.49)
.200 (5.08)
.140 (3.56)
.150 (3.81)
.115 (2.92)
.070 (1.78)
.045 (1.14)
.022 (0.56)
.015 (0.38)
.110 (2.79)
.090 (2.29)
.555 (14.10)
.530 (13.46)
.610 (15.49)
.590 (14.99)
.015 (0.38)
.008 (0.20)
.700 (17.78)
.610 (15.50)
.040 (1.02)
.020 (0.51)
40-Pin PDIP (Wide)
PIN 1
3
˚ MIN.
Dimensions: inches (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com