Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC54
Description  Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54 Datasheet(HTML) 4 Page - Microchip Technology

  TC54 Datasheet HTML 1Page - Microchip Technology TC54 Datasheet HTML 2Page - Microchip Technology TC54 Datasheet HTML 3Page - Microchip Technology TC54 Datasheet HTML 4Page - Microchip Technology TC54 Datasheet HTML 5Page - Microchip Technology TC54 Datasheet HTML 6Page - Microchip Technology TC54 Datasheet HTML 7Page - Microchip Technology TC54 Datasheet HTML 8Page - Microchip Technology TC54 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TC54
DS21434C-page 4
 2002 Microchip Technology Inc.
3.0
DETAILED DESCRIPTION
In normal steady-state operation, when VIN > VDET -,
the output will be at a logic high, see Figure 3-1. In the
case of the TC54V, this is an open-drain condition. If
and when the input falls below VDET -, the output will
pull down (Logic 0) to VSS. Generally, VOUT can pull
down to within 0.5V of VSS at rated output current and
input
voltage.
(See
Section 1.0,
Electrical
Characteristics).
The output, VOUT, will stay valid until the input voltage
falls below the minimum operating voltage, VINMIN, of
0.7V. Below this minimum operating voltage, the output
is undefined. During power-up or anytime VIN has fallen
below VINMIN, VOUT will remain undefined until VIN rises
above VINMIN, at which time the output will become
valid. VOUT will be in its active low state while VINMIN <
VIN < VDET+. (VDET+ = VDET - + VHYST). If and when
the input rises above VDET+, the output will assume its
inactive state. (High for TC54VC, open-drain for
TC54VN).
FIGURE 3-1:
TIMING DIAGRAM
4.0
APPLICATIONS INFORMATION
Refer to Microchip Technology Application Note #779,
Using the TC54 Voltage Detector.
VIN
Detect Voltage VDET-
Minimum Operating
Voltage
VHYST
VDET+
Output Voltage
Release Voltage
or RESET Voltage
Ground Level
Ground Level
VOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com