Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC54 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC54
Description  Voltage Detector
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC54 Datasheet(HTML) 1 Page - Microchip Technology

  TC54 Datasheet HTML 1Page - Microchip Technology TC54 Datasheet HTML 2Page - Microchip Technology TC54 Datasheet HTML 3Page - Microchip Technology TC54 Datasheet HTML 4Page - Microchip Technology TC54 Datasheet HTML 5Page - Microchip Technology TC54 Datasheet HTML 6Page - Microchip Technology TC54 Datasheet HTML 7Page - Microchip Technology TC54 Datasheet HTML 8Page - Microchip Technology TC54 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
 2002 Microchip Technology Inc.
DS21434C-page 1
M
TC54
Features
• Precise Detection Thresholds: Standard ±2.0%,
Custom ±1.0%
• Small Packages: 3-Pin SOT-23A, 3-Pin SOT-89,
5-Pin SOT-23A (7.7V only)
• Low Current Drain: Typ. 1
µA
• Wide Detection Range: 1.1V to 6.0V and 7.7V
• Wide Operating Voltage Range: 0.7V to 10V
Applications
• Battery Voltage Monitoring
• Microprocessor Reset
• System Brown-out Protection
• Switching Circuit in Battery Backup
• Level Discriminator
Device Selection Table
Other output voltages are available. Please contact Microchip
Technology Inc. for details.
Package Type
General Description
The TC54 Series are CMOS voltage detectors, suited
especially for battery-powered applications because of
their extremely low 1
µA operating current and small
surface-mount packaging. Each part is laser trimmed to
the desired threshold voltage which can be specified
from 1.1V to 6.0V and 7.7V, for a 2% and 1.5V to 6.0V
for a 1% tolerance.
The device includes a comparator, low-current high-
precision reference, laser-trimmed divider, hysteresis
circuit and output driver. The TC54 is available with
either an open-drain or complementary output stage.
In operation, the TC54's output (VOUT) remains in the
logic HIGH state as long as VIN is greater than the
specified threshold voltage (VDET -). When VIN falls
below VDET - the output is driven to a logic LOW. VOUT
remains LOW until VIN rises above VDET - by an
amount VHYST, whereupon it resets to a logic HIGH.
Functional Block Diagram
Part Number
Package
Temp. Range
TC54-xxxxxxxxxxx 3-Pin SOT-23A -40°C to +85°C
TC54-xxxxxxxxxxx
3-Pin SOT-89
-40°C to +85°C
TC54-xxxxxxxxxxx 5-Pin SOT-23A -40°C to +85°C
13
2
VIN
VIN
VSS
VOUT
VSS
VOUT
TC54
TC54
1
3
2
3-Pin SOT-23A
3-Pin SOT-89
5
5-Pin SOT-23A
TC54
1
3
4
2
NC
VOUT
VIN
VSS
NC
NOTE: 3-Pin SOT-23A is equivalent to the EIAJ SC-59.
5-Pin SOT-23A is equivalent to the EIAJ SC-74A.
VOUT
TC54VC only
VSS
1
3
+
–
VIN
2
VREF
TC54VN has open-drain output.
TC54VC has complementary output.
Voltage Detector


Similar Part No. - TC54

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
Cornell Dubilier Electr...
TC54 CDE-TC54 Datasheet
152Kb / 2P
Axial Leaded Aluminum Electrolytic Capacitors
logo
Microchip Technology
TC54 MICROCHIP-TC54 Datasheet
229Kb / 16P
Voltage Detector
2007
TC54 MICROCHIP-TC54 Datasheet
257Kb / 20P
CMOS voltage detectors that are especially well suited for battery-powered
2001-2011
TC54 MICROCHIP-TC54 Datasheet
172Kb / 16P
Voltage Detector
10/05/07
More results

Similar Description - TC54

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM2405 NJRC-NJM2405 Datasheet
161Kb / 4P
VOLTAGE DETECTOR
logo
TelCom Semiconductor, I...
TC54 TELCOM-TC54 Datasheet
50Kb / 3P
VOLTAGE DETECTOR
logo
TOKO, Inc
TK610XX TOKO-TK610XX Datasheet
52Kb / 8P
VOLTAGE DETECTOR
logo
RICOH electronics devic...
R5VL20C RICOH-R5VL20C Datasheet
300Kb / 29P
VOLTAGE DETECTOR
logo
New Japan Radio
NJU7706 NJRC-NJU7706 Datasheet
79Kb / 9P
VOLTAGE DETECTOR
logo
BCD Semiconductor Manuf...
AZ70XX BCDSEMI-AZ70XX Datasheet
144Kb / 12P
VOLTAGE DETECTOR
logo
Microchip Technology
TC54 MICROCHIP-TC54_07 Datasheet
229Kb / 16P
Voltage Detector
2007
logo
Texas Instruments
TPS3803-01 TI1-TPS3803-01_12 Datasheet
699Kb / 17P
VOLTAGE DETECTOR
TPS3803-01-EP TI1-TPS3803-01-EP_16 Datasheet
925Kb / 18P
VOLTAGE DETECTOR
logo
E-CMOS Corporation
EC9518C E-CMOS-EC9518C Datasheet
439Kb / 9P
VOLTAGE DETECTOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com