Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N10L-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 7N10L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N10L-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  7N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
7N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-394.J
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =250µA
100
V
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ Reference to 25°C, ID =250µA
0.1
V/°C
Drain-Source Leakage Current
IDSS
VDS =100V, VGS =0V
1
µA
VDS =80V, TC =125°C
10
µA
Gate-Source Leakage Current
IGSS
VGS =±25V, VDS =0V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID =250µA
2.0
4.0
V
Static Drain-Source On-Resistance
RDS(ON)
VGS =10V, ID =3.5A
0.144 0.35
Ω
Forward Transconductance
gFS
VDS =40V, ID =0.85A (Note 1)
1.85
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS =25V, VGS=0V, f=1.0MHz
380
450
pF
Output Capacitance
COSS
70
85
pF
Reverse Transfer Capacitance
CRSS
11
15
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VGS=10V, VDS=50V, ID=1.3A
(Note 1,2)
14.3
nC
Gate Source Charge
QGS
4.2
nC
Gate Drain Charge
QGD
3.2
nC
Turn-ON Delay Time
tD(ON)
VDD=30V, ID=0.5A, RG=25Ω
(Note 1,2)
30
38
ns
Turn-ON Rise Time
tR
40
50
ns
Turn-OFF Delay Time
tD(OFF)
80
90
ns
Turn-OFF Fall-Time
tF
35
40
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Maximum Continuous Drain-Source Diode
Forward Current
IS
7
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
16
A
Drain-Source Diode Forward Voltage
VSD
IS =7A, VGS =0V
1.5
V
Reverse Recovery Time
trr
VGS=0V, IS=7.3A,
diF/dt=100A/µs
70
ns
Reverse Recovery Charge
QRR
150
nC
Notes: 1. Pulse Test: Pulse width ≤ 300μs, Duty cycle ≤ 2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com