Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N10L-TN3-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 7N10L-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N10L-TN3-R Datasheet(HTML) 6 Page - Unisonic Technologies

  7N10L-TN3-R Datasheet HTML 1Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 2Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 3Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 4Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 5Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 6Page - Unisonic Technologies 7N10L-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
7N10
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 7
www.unisonic.com.tw
QW-R502-394.J
TEST CIRCUITS AND WAVEFORMS (Cont.)
50kΩ
300nF
DUT
VDS
10V
12V
Charge
QGS
QGD
QG
VGS
VGS
200nF
Same Type
as DUT
3mA
Gate Charge Test Circuit
Gate Charge Waveforms
Resistive Switching Test Circuit
Resistive Switching Waveforms
10V
tP
RG
DUT
L
VDS
ID
VDD
tP
VDD
IAS
BVDSS
ID(t)
VDS(t)
Time
EAS= 2
1 LI
AS
2
BVDSS
BVDSS-VDD
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com