Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD606G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UD606G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD606G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UD606G-S08-R Datasheet HTML 1Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 2Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 4Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 5Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 6Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 7Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 8Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 9Page - Unisonic Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
UD606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 11
www.unisonic.com.tw
QW-R502-169.C
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
N-Channel:
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note3)
TC=25°C
ID
8
A
Pulsed Drain Current (Note3)
TC=25°C
IDM
30
A
Power Dissipation
TO-252-5
PD
2
W
SOP-8
1.25
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
P-Channel:
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
-40
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (Note3)
TC=25°C
ID
-8
A
Pulsed Drain Current (Note3)
TC=25°C
IDM
-30
A
Power Dissipation
TO-252-5
PD
2
W
SOP-8
1.25
W
Power Dissipation
PD
2.5
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient
N-Channel
TO-252-5
θJA
50
60
°C/W
SOP-8
70
100
°C/W
P-Channel
TO-252-5
40
50
°C/W
SOP-8
68
100
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com