Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD606G-S08-R Datasheet(PDF) 10 Page - Unisonic Technologies

Part # UD606G-S08-R
Description  DUAL ENHANCEMENT MODE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD606G-S08-R Datasheet(HTML) 10 Page - Unisonic Technologies

Back Button UD606G-S08-R Datasheet HTML 3Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 4Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 5Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 6Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 7Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 8Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 9Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 10Page - Unisonic Technologies UD606G-S08-R Datasheet HTML 11Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
UD606
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
10 of 11
www.unisonic.com.tw
QW-R502-169.C
TYPICAL CHARACTERISTICS(Cont.)
TJ(mAX)=175℃
TA=25℃
200
160
120
80
40
0
0
1
0.1
0.01
0.001
0.0001
Pulse Width (s)
Single Pulse Power Rating Junction-to-
Case
100.0
10.0
1.0
0.1
1
10
100
0.1
Drain-Source Voltage, -VDS(V)
Maximum Forward Biased Safe
Operating Area
10μs
100μs
1ms
DC
RDS(ON)
Limited
TJ(mAX)=175℃ TA=25℃



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com