Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70N06L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 70N06L-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  70N06L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
70N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-089.D
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25°C
ID
70
A
TC = 100°C
56
A
Drain Current Pulsed (Note 2)
IDM
280
A
Avalanche Energy
Single Pulsed (Note 3)
EAS
600
mJ
Repetitive (Note 2)
EAR
20
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
10
V/ns
Power Dissipation
TO-220/TO-262/TO-263
PD
104
W
TO-220F
36
W
TO-220F2
38
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repeativity rating: pulse width limited by junction temperature
3. L=0.24mH, IAS=70A, VDD=25V, RG=20Ω, Starting TJ=25°C
4. ISD≤48A, di/dt≤300A/μs, VDD≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62
°C/W
Junction to Case
TO-220/TO-262
TO-263
θJC
1.2
°C/W
TO-220F
3.47
°C/W
TO-220F2
3.28
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com