Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70N06L-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 70N06L-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06L-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  70N06L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 70N06L-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
70N06
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-089.D
ELECTRICAL CHARACTERISTICS (TC =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 μA
60
V
Drain-Source Leakage Current
IDSS
VDS = 60 V, VGS = 0 V
1
μA
Gate-Source Leakage Current
Forward
IGSS
VGS = 20V, VDS = 0 V
100
nA
Reverse
VGS = -20V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature
Coefficient
△
BVDSS/△TJ ID = 1mA, Referenced to 25°C
0.08
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 35 A
15
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS = 0 V, VDS = 25 V
f = 1MHz
1800 2000
pF
Output Capacitance
COSS
800
900
pF
Reverse Transfer Capacitance
CRSS
130
150
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 30V, VGS=10V,ID =1 A
(Note 1, 2)
90
120
ns
Turn-On Rise Time
tR
350
400
ns
Turn-Off Delay Time
tD(OFF)
260
300
ns
Turn-Off Fall Time
tF
260
300
ns
Total Gate Charge
QG
VDS = 60V, VGS = 10 V,
ID = 48A (Note 1, 2)
210
250
nC
Gate-Source Charge
QGS
50
nC
Gate-Drain Charge (Miller Charge)
QGD
120
nC
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 70A
1.4
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
70
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
280
Reverse Recovery Time
tRR
VGS = 0 V, IS = 70A
dIF / dt = 100 A/μs
90
ns
Reverse Recovery Charge
QRR
300
μC
Notes: 1. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
2. Essentially independent of operating temperature



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com