Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70N06G-TQ2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 70N06G-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06G-TQ2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  70N06G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-097.F
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
75
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC = 25°C
ID
80
A
Pulsed Drain Current (Note 2)
IDM
320
A
Single Pulsed Avalanche Energy (Note 3)
EAS
700
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
12
V/ns
Power Dissipation
TO-220/TO-263
PD
300
W
TO-220F/ TO-220F1
48
W
TO-220F2
50
W
Junction Temperature
TJ
+175
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Note: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by safe operating area
3. Starting TJ=25°C, ID=40A, VDD=37.5V
4. ISD≤80A, di/dt≤300A/µs, VDD≤BVDSS, TJ≤TJMAX
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
62.5
°C/W
Junction to Case
TO-220/TO-263
θJC
0.5
°C/W
TO-220F/ TO-220F1
2.6
°C/W
TO-220F2
2.5
°C/W



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com