Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

70N06G-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 70N06G-TQ2-R
Description  N-CHANNEL POWER MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

70N06G-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  70N06G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 70N06G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
75N75
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-097.F
ELECTRICAL CHARACTERISTICS (TC = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250 µA
75
V
Drain-Source Leakage Current
IDSS
VDS = 75 V, VGS = 0 V
1
µA
Gate-Source Leakage Current
Forward
IGSS
VGS = 20V, VDS = 0 V
100
nA
Reverse
VGS = -20V, VDS = 0 V
-100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250 µA
2.0
3.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 40 A
9.5
11
mΩ
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VGS = 0 V, VDS = 25 V
f = 1MHz
3700
pF
Output Capacitance
COSS
773
pF
Reverse Transfer Capacitance
CRSS
86
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD = 37.5V, ID =45A,
VGS=10V, RG=4.7Ω
133
150
ns
Turn-On Rise Time
tR
208
232
ns
Turn-Off Delay Time
tD(OFF)
354
370
ns
Turn-Off Fall Time
tF
246
260
ns
Total Gate Charge
QG
VDS = 60V, VGS = 10 V
ID = 80A
430
440
nC
Gate-Source Charge
QGS
70
nC
Gate-Drain Charge
QGD
102
nC
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note 2)
VSD
VGS = 0 V, IS = 80A
1.5
V
Continuous Source Current
IS
80
A
Pulsed Source Current (Note 1)
ISM
320
A
Reverse Recovery Time
tRR
IS = 80A, VDD = 25 V
dIF / dt = 100 A/µs
132
ns
Reverse Recovery Charge
QRR
660
µC
Note: 1. Pulse width limited by safe operating area
2. Pulsed: pulse duration=300µs, duty cycle 1.5%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com