Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF634L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF634L-TN3-R
Description  ADVANCED POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF634L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF634L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 8Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
UF634
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 9
www.unisonic.com.tw
QW-R502-454.F
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Gate-to-Source Voltage
VGS
± 30
V
Drain-to-Source Voltage
VDSS
250
V
Continuous Drain Current
TC=25°C
ID
8.1
A
Drain Current-Pulsed (Note 2)
IDM
32.4
A
Avalanche Current (Note 2)
IAR
8.1
A
Single Pulsed Avalanche Energy (Note 3)
EAS
205
mJ
Repetitive Avalanche Energy (Note 2)
EAR
7.4
mJ
TO-220
74
W
TO-220F/TO-220F1
38
W
TO-252
50
W
Power Dissipation
SOP-8
PD
5
W
Operating Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55~+150
°C
1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse Width Limited by Maximum Junction Temperature
Note:
3. L=6.24mH, IAS=8.1A, VDD=50V, RG=27 Ω, Starting TJ =25°C
THERMAL RESISTANCE
PARAMETER
SYMBOL
RATINGS
UNIT
TO-220/TO-220F1
TO-220F
62.5
°C/W
TO-252
110
°C/W
Junction to Ambient
SOP-8
θJA
83
°C/W
TO-220
1.69
°C/W
TO-220F/TO-220F1
3.29
°C/W
TO-252
2.5
°C/W
Junction to Case
SOP-8
θJC
24
°C/W



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com