Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF634L-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UF634L-TN3-R
Description  ADVANCED POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF634L-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UF634L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 8Page - Unisonic Technologies UF634L-TN3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UF634
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-454.F
ADVANCED POWER MOSFET
DESCRIPTION
The UTC UF634 is a N-channel Power MOSFET and it uses UTC
advanced technology to provide customers with lower RDS(ON),
improved gate charge and so on.
FEATURES
* RDS(ON)<0.45Ω @ VGS=10V, ID=8.1A
* Lower Input Capacitance
* Improved Gate Charge
* Lower Leakage Current: 10μA (MAX.) @ VDS = 250V
* Avalanche Rugged Technology
* Rugged Gate Oxide Technology
* Extended Safe Operating Area
SYMBOL
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
123456
7
8
Packing
UF634L-TA3-T
UF634G-TA3-T
TO-220
G D
S
-
-
-
-
-
Tube
UF634L-TF1-T
UF634G-TF1-T
TO-220F1
G D
S
-
-
-
-
-
Tube
UF634L-TF3-T
UF634G-TF3-T
TO-220F
G D
S
-
-
-
-
-
Tube
UF634L-TN3-R
UF634G-TN3-R
TO-252
G D
S
-
-
-
-
- Tape Reel
-
UF634G-S08-R
SOP-8
S
S
S G D D D
D Tape Reel
Note: Pin Assignment: G: Gate D: Drain S: Source


Similar Part No. - UF634L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UF634L-TN3-R UTC-UF634L-TN3-R Datasheet
724Kb / 9P
ADVANCED POWER MOSFET
More results

Similar Description - UF634L-TN3-R

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRLZ44A SAMSUNG-IRLZ44A Datasheet
451Kb / 9P
ADVANCED POWER MOSFET
logo
Fairchild Semiconductor
IRF530A FAIRCHILD-IRF530A Datasheet
254Kb / 7P
Advanced Power MOSFET
IRF540A FAIRCHILD-IRF540A Datasheet
256Kb / 7P
Advanced Power MOSFET
IRFS150A FAIRCHILD-IRFS150A Datasheet
259Kb / 7P
Advanced Power MOSFET
IRFS520A FAIRCHILD-IRFS520A Datasheet
251Kb / 7P
Advanced Power MOSFET
IRLRU130A FAIRCHILD-IRLRU130A Datasheet
267Kb / 9P
Advanced Power MOSFET
IRLWI520A FAIRCHILD-IRLWI520A Datasheet
233Kb / 7P
Advanced Power MOSFET
IRLWI640A FAIRCHILD-IRLWI640A Datasheet
227Kb / 7P
Advanced Power MOSFET
IRLW630A FAIRCHILD-IRLW630A Datasheet
226Kb / 7P
ADVANCED POWER MOSFET
SSU2N80A FAIRCHILD-SSU2N80A Datasheet
258Kb / 7P
Advanced Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com