Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3205L-TQ2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UF3205L-TQ2-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3205L-TQ2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UF3205L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UF3205
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-304.D
ELECTRICAL CHARACTERISTICS (TJ = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
55
V
Drain-Source Leakage Current
IDSS
VDS=55V,VGS=0V
25
μA
Gate-Source Leakage Current
IGSS
VGS=±20V, VDS=0V
±100
nA
Breakdown Voltage Temperature
Coefficient
△
BVDSS/△TJ Reference to 25°C, ID=1mA
0.057
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
2.0
4.0
V
Static Drain-Source On-Resistance (Note)
RDS(ON)
VGS=10V, ID=62A
8.0
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
3247
pF
Output Capacitance
COSS
781
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
211
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
146
nC
Gate Source Charge
QGS
35
nC
Gate Drain Charge
QGD
VDS=44V, ID=62A, VGS=10V
54
nC
Turn-ON Delay Time
tD(ON)
14
ns
Turn-ON Rise Time
tR
101
ns
Turn-OFF Delay Time
tD(OFF)
50
ns
Turn-OFF Fall-Time
tF
VDD=28V, ID=62A, RG=4.5Ω,
VGS=10V (Note)
65
ns
Internal Drain Inductance
LD
4.5
nH
Internal Source Inductance
LS
7.5
nH
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS=62A ,VGS=0V
1.3
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
110
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
390
A
Body Diode Reverse Recovery Time
tRR
69
104
ns
Body Diode Reverse Recovery Charge
QRR
IF=62A, dI/dt=100A/μs (Note)
143
215
nC
Note: Pulse width ≤ 400μs; duty cycle ≤ 2%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com