Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UF3205L-TQ2-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # UF3205L-TQ2-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UF3205L-TQ2-R Datasheet(HTML) 5 Page - Unisonic Technologies

  UF3205L-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 5Page - Unisonic Technologies UF3205L-TQ2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
UF3205
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
5 of 6
www.unisonic.com.tw
QW-R502-304.D
TEST CIRCUITS AND WAVEFORMS (Cont.)
VDS
90%
10%
VGS
tD(ON)
tR
tD(OFF)
tF
2A Switching Test Circuit
2B Switching Waveforms
VD
Charge
QGS
QGD
QG
VGS
3A Gate Charge Test Circuit
3B Gate Charge Waveform
VDD
tp
Time
BVDSS
IAS
ID(t)
VDS(t)
4A Unclamped Inductive Switching Test Circuit
4B Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com