Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74 Datasheet(PDF) 9 Page - Microchip Technology

Part # TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Datasheet(HTML) 9 Page - Microchip Technology

Back Button TC74 Datasheet HTML 5Page - Microchip Technology TC74 Datasheet HTML 6Page - Microchip Technology TC74 Datasheet HTML 7Page - Microchip Technology TC74 Datasheet HTML 8Page - Microchip Technology TC74 Datasheet HTML 9Page - Microchip Technology TC74 Datasheet HTML 10Page - Microchip Technology TC74 Datasheet HTML 11Page - Microchip Technology TC74 Datasheet HTML 12Page - Microchip Technology TC74 Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
© 2002 Microchip Technology Inc.
DS21462B-page 9
TC74
4.0
REGISTER SET AND
PROGRAMMER’S MODEL
TABLE 4-2:
CONFIGURATION REGISTER
(CONFIG); 8 BITS, READ/
WRITE)
FIGURE 4-1:
DATA_RDY, SHDN
OPERATION LOGIC
DIAGRAM
4.1
Temperature Register (TEMP),
8 Bits, READ ONLY
The binary value (2’s complement format) in this regis-
ter represents temperature of the onboard sensor
following a conversion cycle. The registers are
automatically updated in an alternating manner.
TABLE 4-3:
TEMPERATURE REGISTER
(TEMP)
In the temperature data registers, each unit value repre-
sents one degree (Celsius). The value is in 2’s
complement binary format such that a reading of 0000
0000b corresponds to 0°C. Examples of this tempera-
ture to binary value relationship are shown in Table 4-4
.
4.2
Register Set Summary
The TC74 register set is summarized in Table 4-5. All
registersare8bitswide.
TABLE 4-1:
COMMAND BYTE
DESCRIPTION
(SMBUS READ_BYTE AND
WRITE_BYTE)
COMMAND CODE
FUNCTION
RTR
00h
Read Temperature (TEMP)
RWCR
01h
Read/Write Configuration
(CONFIG)
BIT
POR
FUNCTION
TYPE OPERATION
D[7]
0
STANDBY
Switch
Read/
Write
1 = standby,
0 = normal
D[6]
0
Data Ready*
Read
Only
1=ready
0 = not ready
D[5]-D[0]
0
Reserved -
Always returns
zero when read
N/A
N/A
*Note: DATA_RDY bit RESET at power-up and SHDN
enable.
VDD
DATA_RDY
SHDN
tconv
tconv
D[7]
D[6]
D[5]
D[4]
D[3]
D[2]
D[1]
D[0]
MSB
X
X
X
X
X
X
LSB
TABLE 4-4:
TEMPERATURE TO DIGITAL
VALUE CONVERSION (TEMP)
ACTUAL
TEMP.
REGISTERED
TEMP.
BINARY
HEX
+130.00°C
+127°C
0111 1111
+127.00°C
+127°C
0111 1111
+126.50°C
+127°C
0111 1111
+25.25°C
+25°C
0001 1001
+0.50°C
+1°C
0000 0001
+0.25°C
0°C
0000 0000
0.00°C
0°C
0000 0000
-0.25°C
0°C
0000 0000
-0.50°C
0°C
0000 0000
-0.75°C
-1°C
1111 1111
-1.00°C
-1°C
1111 1111
-25.00°C
-25°C
1110 0111
-25.25°C
-25°C
1110 0110
-54.75°C
-55°C
1100 1001
-55.00°C
-55°C
1100 1001
-65.00°C
-65°C
1011 1111
TABLE 4-5:
TC74 REGISTER SET
SUMMARY
NAME
DESCRIPTION
POR State
READ WRITE
TEMP
Internal Sensor
Temp. (2’s
Complement)
0000 0000b*

CONFIG
CONFIG
Register
0000 0000b

*Note: The TEMP resigister will be immediately updated by
the A/D converter after the DATA_RDY Bit goes High.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com