Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC74 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC74
Description  Tiny Serial Digital Thermal Sensor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC74 Datasheet(HTML) 2 Page - Microchip Technology

  TC74 Datasheet HTML 1Page - Microchip Technology TC74 Datasheet HTML 2Page - Microchip Technology TC74 Datasheet HTML 3Page - Microchip Technology TC74 Datasheet HTML 4Page - Microchip Technology TC74 Datasheet HTML 5Page - Microchip Technology TC74 Datasheet HTML 6Page - Microchip Technology TC74 Datasheet HTML 7Page - Microchip Technology TC74 Datasheet HTML 8Page - Microchip Technology TC74 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TC74
DS21462B-page 2
© 2002 Microchip Technology Inc.
Device Selection Table
NOTE: *Default Address.
Part Number
Package
Address
Temperature Range
TC74A0-3.3VCT
SOT-23A-5
1001 000
-40°C to +125°C
TC74A1-3.3VCT
SOT-23A-5
1001 001
-40°C to +125°C
TC74A2-3.3VCT
SOT-23A-5
1001 010
-40°C to +125°C
TC74A3-3.3VCT
SOT-23A-5
1001 011
-40°C to +125°C
TC74A4-3.3VCT
SOT-23A-5
1001 100
-40°C to +125°C
TC74A5-3.3VCT*
SOT-23A-5
1001 101*
-40°C to +125°c
TC74A6-3.3VCT
SOT-23A-5
1001 110
-40°C to +125°C
TC74A7-3.3VCT
SOT-23A-5
1001 111
-40°C to +125°C
TC74A0-5.0VCT
SOT-23A-5
1001 000
-40°C to +125°C
TC74A1-5.0VCT
SOT-23A-5
1001 001
-40°C to +125°C
TC74A2-5.0VCT
SOT-23A-5
1001 010
-40°C to +125°C
TC74A3-5.0VCT
SOT-23A-5
1001 011
-40°C to +125°C
TC74A4-5.0VCT
SOT-23A-5
1001 100
-40°C to +125°C
TC74A5-5.0VCT*
SOT-23A-5
1001 101
-40°C to +125°C
TC74A6-5.0VCT
SOT-23A-5
1001 110
-40°C to +125°C
TC74A7-5.0VCT
SOT-23A-5
1001 111
-40°C to +125°C
TC74A0-3.3VAT
TO-220-5
1001 000
-40°C to +125°C
TC74A1-3.3VAT
TO-220-5
1001 001
-40°C to +125°C
TC74A2-3.3VAT
TO-220-5
1001 010
-40°C to +125°C
TC74A3-3.3VAT
TO-220-5
1001 011
-40°C to +125°C
TC74A4-3.3VAT
TO-220-5
1001 100
-40°C to +125°C
TC74A5-3.3VAT
TO-220-5
1001 101
-40°C to +125°C
TC74A6-3.3VAT
TO-220-5
1001 110
-40°C to +125°C
TC74A7-3.3VAT
TO-220-5
1001 111
-40°C to +125°C
TC74A0-5.0VAT
TO-220-5
1001 000
-40°C to +125°C
TC74A1-5.0VAT
TO-220-5
1001 001
-40°C to +125°C
TC74A2-5.0VAT
TO-220-5
1001 010
-40°C to +125°C
TC74A3-5.0VAT
TO-220-5
1001 011
-40°C to +125°C
TC74A4-5.0VAT
TO-220-5
1001 100
-40°C to +125°C
TC74A5-5.0VAT
TO-220-5
1001 101
-40°C to +125°C
TC74A6-5.0VAT
TO-220-5
1001 110
-40°C to +125°C
TC74A7-5.0VAT
TO-220-5
1001 111
-40°C to +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com