Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7650 Datasheet(PDF) 5 Page - Microchip Technology

Part # TC7650
Description  Chopper Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650 Datasheet(HTML) 5 Page - Microchip Technology

  TC7650 Datasheet HTML 1Page - Microchip Technology TC7650 Datasheet HTML 2Page - Microchip Technology TC7650 Datasheet HTML 3Page - Microchip Technology TC7650 Datasheet HTML 4Page - Microchip Technology TC7650 Datasheet HTML 5Page - Microchip Technology TC7650 Datasheet HTML 6Page - Microchip Technology TC7650 Datasheet HTML 7Page - Microchip Technology TC7650 Datasheet HTML 8Page - Microchip Technology TC7650 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21463B-page 5
TC7650
tion region, where the main amplifier takes over from
the null amplifier. The clock frequency sets the transi-
tion region.
3.3
Intermodulation
Previous chopper stabilized amplifiers have suffered
from intermodulation effects between the chopper fre-
quency and input signals. These arise because the
finite AC gain of the amplifier results in a small AC sig-
nal at the input. This is seen by the zeroing circuit as an
error signal, which is chopped and fed back, thus inject-
ing sum and difference frequencies, and causing dis-
turbances to the gain and phase versus frequency
characteristics near the chopping frequency. These
effects are substantially reduced in the TC7650 by
feeding the nulling circuit with a dynamic current corre-
sponding to the compensation capacitor current in such
a way as to cancel that portion of the input signal due
to a finite AC gain. The intermodulation and gain/phase
disturbances are held to very low values, and can gen-
erally be ignored.
FIGURE 3-1:
TC7650 CONTAINS A NULLING AND MAIN AMPLIFIER. OFFSET CORRECTION
VOLTAGES ARE STORED ON TWO EXTERNAL CAPACITORS.
FIGURE 3-2:
NULLING CAPACITOR
CONNECTION
3.4
Nulling Capacitor Connection
The offset voltage correction capacitors are connected
to CA and CB. The common capacitor connection is
made to VSS (Pin 4) on the 8-pin packages and to
capacitor return (CRETN, Pin 8) on the 14-pin packages.
The common connection should be made through a
separate PC traceor wiretoavoid voltagedrops. The
capacitors outside foil, if possible, should be connected
to CRETN or VSS.
3.5
Clock Operation
The internal oscillator is set for a 200Hz nominal chop-
ping frequency on both the 8- and 14-pin DIPs. With the
14-pin DIP TC7650, the 200 Hz internal chopping fre-
quency is available at the internal clock output (Pin 12).
A 400Hz nominal signal will be present at the external
clock input pin (Pin 13) with INT/EXT high or open. This
is the internal clock signal before a divide-by-two oper-
ation.
The 14-pin DIP device can be driven by an external
clock. The INT/EXT input (Pin 14) has an internal pull-
up and may be left open for internal clock operation. If
an external clock is used, INT/EXT must be tied to VSS
(Pin 7) to disable the internal clock. The external clock
signal is applied to the external clock input (Pin 13).
The external clock amplitude should swing between
VDD and ground for power supplies up to ±6V and
between V+ and V+ -6V for higher supply voltages.
At low frequencies the external clock duty cycle is not
critical, since an internal divide-by-two gives the
desired 50% switching duty cycle. The offset storage
correction capacitors are charged only when the exter-
nal clock input is high. A 50% to 80% external clock
Null
Main
Amplifier
Null
Amplifier
Gain = AM
B
A
B
A
+
CB
CA
TC7650
Null
-
+
V-
V+
Gain = AN , Offset = VOSN
VOUT
Analog Input
-
VDD
VSS
6
4
8
1
3
2
7
CA
CB
+
VDD
TC7650
10
1
8
2
5
4
11
CA CB
+
7
VSS
14-PIN PACKAGE
8-PIN PACKAGE
TC7650
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com