Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7650 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC7650
Description  Chopper Stabilized Operational Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7650 Datasheet(HTML) 1 Page - Microchip Technology

  TC7650 Datasheet HTML 1Page - Microchip Technology TC7650 Datasheet HTML 2Page - Microchip Technology TC7650 Datasheet HTML 3Page - Microchip Technology TC7650 Datasheet HTML 4Page - Microchip Technology TC7650 Datasheet HTML 5Page - Microchip Technology TC7650 Datasheet HTML 6Page - Microchip Technology TC7650 Datasheet HTML 7Page - Microchip Technology TC7650 Datasheet HTML 8Page - Microchip Technology TC7650 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21463B-page 1
Features
• Low Input Offset Voltage: 0.7µV Typ
• Low Input Offset Voltage Drift: 0.05
µV/°C Max
• Low Input Bias Current: 10pA Max
• High Impedance Differential CMOS Inputs: 1012
Ω
• High Open Loop Voltage Gain: 120dB Min.
• Low Input Noise Voltage: 2.0
µVp-p
• High Slew Rate: 2.5V/
µsec.
• Low Power Operation: 20mW
• Output Clamp Speeds Recovery Time
• Compensated Internally for Stable Unity Gain
Operation
• Direct Replacement for ICL7650
• Available in 8-Pin Plastic DIP and 14-Pin Plastic
DIP Packages
Applications
• Instrumentation
• Medical Instrumentation
• Embedded Control
• Temperature Sensor Amplifier
• Strain Gage Amplifier
Device Selection Table
Package Type
Part
Number
Package
Temperature
Range
Max VOS
TC7650CPA
8-Pin PDIP
0°C to +70°C
5
µV
TC7650CPD 14-Pin PDIP
0°C to +70°C
5
µV
1
2
3
4
5
6
7
14
13
12
11
10
9
8
CB
NC
8-Pin DIP
V
SS
V
SS
INT/EXT
EXT CLK IN
INT CLK OUT
OUTPUT
OUTPUT CLAMP
CA
CRETN
VDD
TC7650CPD
1
2
3
4
8
7
6
5
CA
OUTPUT
VDD
TC7650CPA
INPUT
INPUT
CB
+
–
OUTPUT CLAMP
INPUT
–
INPUT
+
NC
14-Pin DIP
NC = NO INTERNAL CONNECTION
TC7650
Chopper Stabilized Operational Amplifier


Similar Part No. - TC7650

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
TC7650CPA TELCOM-TC7650CPA Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650CPA MICROCHIP-TC7650CPA Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7650CPD TELCOM-TC7650CPD Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Microchip Technology
TC7650CPD MICROCHIP-TC7650CPD Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
More results

Similar Description - TC7650

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC7650 TELCOM-TC7650 Datasheet
90Kb / 7P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Intersil Corporation
ICL7650S INTERSIL-ICL7650S Datasheet
144Kb / 14P
2MHz, Super Chopper-Stabilized Operational Amplifier
April 2000
logo
Linear Technology
LTC1052 LINER-LTC1052 Datasheet
1Mb / 20P
Chopper-Stabilized Operational Amplifier(CSOATM)
logo
Maxim Integrated Produc...
MAX420 MAXIM-MAX420 Datasheet
438Kb / 12P
짹15 Volt Chopper Stabilized Operational Amplifier
Rev 1; 2/94
MAX430 MAXIM-MAX430 Datasheet
389Kb / 8P
짹15V Chopper-Stabilized Operational Amplifier
Rev 2; 8/98
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
Chopper Stabilized Operational Amplifier
11/29/12
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
logo
Linear Technology
LTC1052CS LINER-LTC1052CS_15 Datasheet
165Kb / 2P
CHOPPER STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
LTC1052 TI1-LTC1052 Datasheet
51Kb / 4P
CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com