Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7652
Description  Low Noise, Chopper Stabilized Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7652 Datasheet(HTML) 4 Page - Microchip Technology

  TC7652 Datasheet HTML 1Page - Microchip Technology TC7652 Datasheet HTML 2Page - Microchip Technology TC7652 Datasheet HTML 3Page - Microchip Technology TC7652 Datasheet HTML 4Page - Microchip Technology TC7652 Datasheet HTML 5Page - Microchip Technology TC7652 Datasheet HTML 6Page - Microchip Technology TC7652 Datasheet HTML 7Page - Microchip Technology TC7652 Datasheet HTML 8Page - Microchip Technology TC7652 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TC7652
DS21464B-page 4
© 2002 Microchip Technology Inc.
IS
Supply Current
1
3
mA
No Load
fCH
Internal Chopping Frequency
100
275
Hz
Pins 12 – 14 Open (DIP)
Clamp ON Current (Note 3)25
100
µARL = 100kΩ
Clamp OFF Current (Note 3)—
1
pA
-4V
≤ VOUT <+10V
TC7652 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VDD =+5V,VSS =-5V, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
Note
1:
Limiting input current to 100
µA is recommended to avoid latch-up problems. Typically 1mA is safe however, this is not
guaranteed.
2:
Output clamp not connected. See typical characteristics curves for output swing versus clamp current characteristics.
3:
See “Output Clamp” under detailed description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com