Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7652 Datasheet(PDF) 10 Page - Microchip Technology

Part # TC7652
Description  Low Noise, Chopper Stabilized Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7652 Datasheet(HTML) 10 Page - Microchip Technology

Back Button TC7652 Datasheet HTML 6Page - Microchip Technology TC7652 Datasheet HTML 7Page - Microchip Technology TC7652 Datasheet HTML 8Page - Microchip Technology TC7652 Datasheet HTML 9Page - Microchip Technology TC7652 Datasheet HTML 10Page - Microchip Technology TC7652 Datasheet HTML 11Page - Microchip Technology TC7652 Datasheet HTML 12Page - Microchip Technology TC7652 Datasheet HTML 13Page - Microchip Technology TC7652 Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
TC7652
DS21464B-page 10
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
2
3
45
67
8
± SUPPLY VOLTAGE (V)
1400
1200
1000
800
600
400
200
0
Supply Current
vs ± Supply Voltage
OUTPUT VOLTAGE (V)
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
1 mA
0.1mA
0.01mA
1µA
0.1µA
0.01µA
1nA
0.1nA
0.01nA
1pA
Positive Clamp Current
SOURCE
SINK
Output Resistance
vs Output Voltage
100
OUTPUT RESISTANCE (W)
-3.0
1k
10k
100k
1M
-5.0
-4.0
1 sec/DIV
Noise at 0.1Hz to 10Hz
OUTPUT VOLTAGE (V)
4.0 4.1 4.2 4.3 4.4 4.5 4.6 4.7 4.8 4.9 5.0
1mA
0.1mA
0.01mA
1µA
0.1µA
0.01µA
1nA
0.1nA
0.01nA
1pA
Negative Clamp Current
1 sec/DIV
Noise at 0.1Hz to 100Hz
1 sec/DIV
Noise at 0.1Hz to 1Hz
1
10
100
1k
10k
100k
1M
FREQUENCY (Hz)
GAIN
-20
-10
0
10
20
30
40
60
Phase Gain (Bode Plot)*
*NOTE:
±5V, ±2.5V supplies; no load to 10k load.
-180
-120
-60
+60
+120
+180
+240
50
0
5 µsec/DIV
Slew Rate
PHASE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com