Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7662B Datasheet(PDF) 4 Page - Microchip Technology

Part # TC7662B
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662B Datasheet(HTML) 4 Page - Microchip Technology

  TC7662B Datasheet HTML 1Page - Microchip Technology TC7662B Datasheet HTML 2Page - Microchip Technology TC7662B Datasheet HTML 3Page - Microchip Technology TC7662B Datasheet HTML 4Page - Microchip Technology TC7662B Datasheet HTML 5Page - Microchip Technology TC7662B Datasheet HTML 6Page - Microchip Technology TC7662B Datasheet HTML 7Page - Microchip Technology TC7662B Datasheet HTML 8Page - Microchip Technology TC7662B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
4
TC7662B
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TC7662B-8 9/11/96
© 2001 Microchip Technology Inc.
DS21469A
4. When using polarized capacitors in the inverting mode,
the + terminal of C1 must be connected to pin 2 of the
TC7662B and the – terminal of C2 must be connected
to GND.
5. If the voltage supply driving the TC7662B has a large
source impedance (25-30 ohms), then a 2.2
µF capaci-
tor from pin 8 to ground may be required to limit the
rate of rise of the input voltage to less than 2V/
µsec.
TYPICAL APPLICATIONS
Simple Negative Voltage Converter
The majority of applications will undoubtedly utilize the
TC7662B for generation of negative supply voltages. Figure
3 shows typical connections to provide a negative supply
where a positive supply of +1.5V to +15V is available. Keep
in mind that pin 6 (LV) is tied to the supply negative (GND)
for supply voltages below 3.5 volts.
a.
b.
The output characteristics of the circuit in Figure 3 can
be approximated by an ideal voltage source in series with a
resistance as shown in Figure 3b. The voltage source has a
value of–(V+). The output impedance (RO) is a function of
the ON resistance of the internal MOS switches (shown in
Figure 2), the switching frequency, the value of C1 and C2,
and the ESR (equivalent series resistance) of C1 and C2. A
good first order approximation for RO is:
RO ≅ 2(RSW1 + RSW3 + ESRC1) + 2(RSW2 + RSW4 +
ESRC1) +
+ ESRC2
(fPUMP =
, RSWX = MOSFET switch resistance)
Combining the four RSWX terms as RSW, we see that:
RO ≅ 2 x RSW +
+ 4 x ESRC1 + ESRC2Ω
RSW, the total switch resistance, is a function of supply
1
fPUMP x C1
fOSC
2
1
fPUMP x C1
t2
t1
B
A
V
–(V+)
0
Figure 4. Output Ripple
Figure 3. Simple Negative Converter and its Output Equivalent
1
2
3
4
8
7
6
5
TC7662B
10
µF
+
V+
+
10
µF
VOUT = –V+
–
–
VOUT
RO
V+
+
–
1
2 x fPUMP x C2
1
(5 x 103 x 10 x 10-6)
voltage and temperature (See the Output Source Resis-
tance graphs), typically 23
Ω at +25°C and 5V. Careful
selection of C1 and C2 will reduce the remaining terms,
minimizing the output impedance. High value capacitors will
reduce the 1/(fPUMP x C1) component, and low ESR capaci-
tors will lower the ESR term. Increasing the oscillator fre-
quency will reduce the 1/(fPUMP x C1) term, but may have the
side effect of a net increase in output impedance when C1 >
10
µF and there is not enough time to fully charge the
capacitors every cycle. In a typical application when fOSC =
10kHz and C = C1 = C2 = 10µF:
RO ≅ 2 x 23 +
+ 4 x ESRC1 + ESRC2
RO ≅ (46 + 20 + 5 x ESRC) Ω
Since the ESRs of the capacitors are reflected in the
output impedance multiplied by a factor of 5, a high value
could potentially swamp out a low 1/(fPUMP x C1) term,
rendering an increase in switching frequency or filter capaci-
tance ineffective. Typical electrolytic capacitors may have
ESRs as high as 10
Ω.
Output Ripple
ESR also affects the ripple voltage seen at the output.
The total ripple is determined by 2 voltages, A and B, as
shown in Figure 4. Segment A is the voltage drop across the
ESR of C2 at the instant it goes from being charged by C1
(current flowing into C2) to being discharged through the
load (current flowing out of C2). The magnitude of this
current change is 2 x IOUT, hence the total drop is 2 x IOUT x
ESRC2 volts. Segment B is the voltage change across C2
during time t2, the half of the cycle when C2 supplies current
to the load. The drop at B is IOUT x t2/C2 volts. The peak-to-
peak ripple voltage is the sum of these voltage drops:
VRIPPLE ≅
(
+ ESRC2 x IOUT
)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com