Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7662B Datasheet(PDF) 2 Page - Microchip Technology

Part # TC7662B
Description  CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7662B Datasheet(HTML) 2 Page - Microchip Technology

  TC7662B Datasheet HTML 1Page - Microchip Technology TC7662B Datasheet HTML 2Page - Microchip Technology TC7662B Datasheet HTML 3Page - Microchip Technology TC7662B Datasheet HTML 4Page - Microchip Technology TC7662B Datasheet HTML 5Page - Microchip Technology TC7662B Datasheet HTML 6Page - Microchip Technology TC7662B Datasheet HTML 7Page - Microchip Technology TC7662B Datasheet HTML 8Page - Microchip Technology TC7662B Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2
TC7662B
CHARGE PUMP DC-TO-DC
VOLTAGE CONVERTER
TC7662B-8 9/11/96
© 2001 Microchip Technology Inc.
DS21469A
ELECTRICAL CHARACTERISTICS: V+ = 5V, TA = +25°C, OSC = Free running, Test Circuit Figure 2, Unless
Otherwise Specified.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
I+
Supply Current (Note 3)
RL = ∞, +25°C
—
80
160
µA
(Boost pin OPEN OR GND)
0
°C ≤ TA ≤ +70°C
—
—
180
µA
– 40
°C ≤ TA ≤ +85°C
—
—
180
µA
– 55
°C ≤TA ≤ +125°C
—
—
200
µA
I+
Supply Current
0
°C ≤ TA ≤ +70°C
—
—
300
µA
(Boost pin = V+)
– 40
°C ≤ TA ≤ +85°C
350
– 55
°C ≤ TA ≤ +125°C
400
V+
H
Supply Voltage Range, High
RL = 10 kΩ, LV Open, TMIN ≤ TA ≤ TMAX
3.0
—
15
V
(Note 4)
V
+
L
Supply Voltage Range, Low
RL = 10 kΩ, LV to GND, TMIN ≤ TA ≤ TMAX
1.5
—
3.5
V
ROUT
Output Source Resistance
IOUT = 20mA, 0°C ≤ TA ≤ +70°C
—
65
100
Ω
IOUT = 20mA, – 40°C ≤ TA ≤ +85°C
—
—
120
Ω
IOUT = 20mA, – 55°C ≤ TA ≤ +125°C
—
—
150
Ω
IOUT = 3mA, V+ = 2V, LV to GND ,
—
—
250
Ω
0
°C ≤ TA ≤ +70°C
IOUT = 3mA, V+ = 2V, LV to GND ,
—
—
300
Ω
– 40
°C ≤ TA ≤ +85°C
IOUT = 3mA, V+ = 2V, LV to GND ,
—
—
400
Ω
– 55
°C ≤ TA ≤ +125°C
fOSC
Oscillator Frequency
COSC = 0,Pin 1 Open or GND
5
10
—
kHz
Pin 1 = V+
35
PEff
Power Efficiency
RL = 5kΩ
96
96
—
%
TMIN ≤ TA ≤ TMAX
95
97
VOUTEff
Voltage Conversion Efficiency
RL = ∞
99
99.9
—
%
ZOSC
Oscillator Impedance
V+ = 2V
—
1
—
M
Ω
V+ = 5V
—
100
—
k
Ω
NOTES:
1. Connecting any terminal to voltages greater than V+ or less than GND may cause destructive latch-up. It is recommended that no inputs from
sources operating from external supplies be applied prior to “power up” of the TC7662B.
2. Derate linearly above 50
°C by 5.5 mW/°C.
3. In the test circuit, there is no external capacitor applied to pin 7. However, when the device is plugged into a test socket, there is usually a very
small but finite stray capacitance present, of the order of 5pF.
4. The TC7662B can operate without an external diode over the full temperature and voltage range. This device will function in existing designs which
incorporate an external diode with no degradation in overall circuit performance.
ABSOLUTE MAXIMUM RATINGS*
Supply Voltage ...................................................... +16.5V
LV, Boost and OSC Inputs Voltage (Note 1)
V+<5.5V ..................................... – 0.3V to (V+ + 0.3V)
>5.5V .................................. (V+ – 5.5V) to (V+ + 0.3V)
Current Into LV (Note 1)
V+ >3.5V ............................................................ 20
µA
Output Short Duration
(VSUPPLY ≤ 5.5V) ....................................... Continuous
Power Dissipation (TA ≤ 70
°C) (Note 2)
Plastic DIP ...................................................... 730mW
SO .................................................................. 470mW
Operating Temperature Range
C Suffix .................................................. 0
°C to +70°C
E Suffix ............................................. – 40
°C to +85°C
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
* Static-sensitive device. Unused devices must be stored in conductive
material. Protect devices from static discharge and static fields. Stresses
above those listed under "Absolute Maximum Ratings" may cause perma-
nent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions above those
indicated in the operation sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods
may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com