Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 3 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 3 Page - Microchip Technology

  TC850 Datasheet HTML 1Page - Microchip Technology TC850 Datasheet HTML 2Page - Microchip Technology TC850 Datasheet HTML 3Page - Microchip Technology TC850 Datasheet HTML 4Page - Microchip Technology TC850 Datasheet HTML 5Page - Microchip Technology TC850 Datasheet HTML 6Page - Microchip Technology TC850 Datasheet HTML 7Page - Microchip Technology TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21479C-page 3
TC850
1.0
ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings*
Positive Supply Voltage..........................................+6V
Negative Supply Voltage ....................................... - 9V
Analog Input Voltage (IN+ pr IN-) .............. VDD to VSS
Voltage Reference Input:
(REF1+, REF1–, REF2+).................. VDD to VSS
Logic Input Voltage............. VDD + 0.3V to GND – 0.3V
Current Into Any Pin...........................................10 mA
While Operating .....................................100
μA
Ambient Operating Temperature Range
C Device....................................... 0°C to +70°C
I Device......................................-25°C to +85°C
Package Power Dissipation (TA ≤ 70°C)
CerDIP .....................................................2.29
Ω
Plastic DIP................................................1.23
Ω
Plastic PLCC ...........................................1.23
Ω
*Stresses
above
those
listed
under
“Absolute
Maximum Ratings” may cause permanent damage to
the device. These are stress ratings only and functional
operation of the device at these or any other conditions
above those indicated in the operation sections of the
specifications is not implied. Exposure to Absolute
Maximum Rating conditions for extended periods may
affect device reliability.
TABLE 1-1:
TC850 ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VS = ±5V; FCLK = 61.44kHz, VFS = 3.2768V, TA = 25°C, Figure 1-1, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Zero Scale Error
±0.25
±0.5
LSB
VIN = 0V
End Point Linearity Error
—
±1
±2
LSB
-VFS ≤ VIN ≤ +VFS
Differential Nonlinearity
—
±0.1
±0.5
LSB
IIN
Input Leakage Current
—
30
75
pA
VIN = 0V, TA = 25°C
—
1.1
3
nA
-25°
≤ TA ≤ +85°C
VCMR
Common Mode Voltage Range
VSS + 1.5
—
VSS – 1.5
V
Over Operating Temperature Range
CMRR
Common Mode Rejection Ratio
—
80
—
dB
VIN = 0V, VCM = ±1V
Full Scale Gain Temperature
Coefficient
—
2
5
ppm/°C
External Ref. Temperature
Coefficient = 0 ppm/°C
0°C
≤ TA ≤ +70°C
Zero Scale Error
Temperature Coefficient
—
0.3
2
μV/°C V
IN = 0V
0°C
≤ TA ≤ +70°C
Full Scale Magnitude
Symmetry Error
—
0.5
2
LSB
VIN = ±3.275V
eN
Input Noise
—
30
—
μV
P-P
Not Exceeded 95% of Time
IS+
Positive Supply Current
—
2
3.5
mA
IS–
Negative Supply Current
—
2
3.5
mA
VOH
Output High Voltage
3.5
4.9
—
V
IO = 500 μA
VOL
Output Low Voltage
—
0.15
0.4
V
IO = 1.6 mA
IOP
Output Leakage Current
—
0.1
1
μA
Pins 8 -15, High-impedance State
VIH
Input High Voltage
3.5
2.3
—
V
Note 3
VIL
Input Low Voltage
—
2.1
1
V
Note 3
IPU
Input Pull-Up Current
—
4
—
μA
Pins 2, 3, 4, 6, 7; VIN = 0V
IPD
Input Pull-Down Current
—
14
—
μA
Pins 1, 5; VIN = 5V
IOSC
Oscillator Output Current
—
140
—
μA
Pin 18, VOUT = 2.5V
Note
1:
Demand mode, CONT/DEMAND = LOW. Figure 8-2 timing diagram. CL = 100 pF.
2: Continuous mode, CONT/DEMAND = HIGH. Figure 8-4 timing diagram.
3: Digital inputs have CMOS logic levels and internal pull-up/pull-down resistors. For TTL compatibility, external pull-up
resistors to VDD are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com