Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC850
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850 Datasheet(HTML) 4 Page - Microchip Technology

  TC850 Datasheet HTML 1Page - Microchip Technology TC850 Datasheet HTML 2Page - Microchip Technology TC850 Datasheet HTML 3Page - Microchip Technology TC850 Datasheet HTML 4Page - Microchip Technology TC850 Datasheet HTML 5Page - Microchip Technology TC850 Datasheet HTML 6Page - Microchip Technology TC850 Datasheet HTML 7Page - Microchip Technology TC850 Datasheet HTML 8Page - Microchip Technology TC850 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
TC850
DS21479C-page 4
© 2006 Microchip Technology Inc.
CIN
Input Capacitance
—
1
—
pF
Pins 1 - 7, 17
COUT
Output Capacitance
—
15
—
pF
Pins 8 -15, High-impedance State
TCE
Chip-Enable Access Time
—
230
450
nsec
CS or CE, RD = LOW (Note 1)
TRE
Read-Enable Access Time
—
190
450
nsec
CS = HIGH, CE = LOW, (Note 1)
TDHC
Data Hold From CS or CE
—
250
450
nsec
RD = LOW, (Note 1)
TDHR
Data Hold From RD
—
210
450
nsec
CS = HIGH, CE = LOW, (Note 1)
TOP
OVR/POL Data Access Time
—
140
300
nsec
CS = HIGH, CE = LOW,
RD = LOW, (Note 1)
TLH
Low/High Byte Access Time
—
140
300
nsec
CS = HIGH, CE = LOW,
RD = LOW, (Note 1)
Clock Setup Time
100
—
—
nsec
Positive or Negative Pulse Width
TWRE
RD Minimum Pulse Width
450
230
—
nsec
CS = HIGH, CE = LOW, (Note 2)
TWRD
RD Minimum Delay Time
150
50
—
nsec
CS = HIGH, CE = LOW, (Note 2)
TWWD
WR Minimum Pulse Width
75
25
—
nsec
CS = HIGH, CE = LOW, (Note 1)
TABLE 1-1:
TC850 ELECTRICAL SPECIFICATIONS (CONTINUED)
Electrical Characteristics: VS = ±5V; FCLK = 61.44kHz, VFS = 3.2768V, TA = 25°C, Figure 1-1, unless otherwise specified.
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
Note
1:
Demand mode, CONT/DEMAND = LOW. Figure 8-2 timing diagram. CL = 100 pF.
2: Continuous mode, CONT/DEMAND = HIGH. Figure 8-4 timing diagram.
3: Digital inputs have CMOS logic levels and internal pull-up/pull-down resistors. For TTL compatibility, external pull-up
resistors to VDD are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com