Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CPL Datasheet(PDF) 7 Page - Microchip Technology

Part # TC850CPL
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850CPL Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC850CPL Datasheet HTML 3Page - Microchip Technology TC850CPL Datasheet HTML 4Page - Microchip Technology TC850CPL Datasheet HTML 5Page - Microchip Technology TC850CPL Datasheet HTML 6Page - Microchip Technology TC850CPL Datasheet HTML 7Page - Microchip Technology TC850CPL Datasheet HTML 8Page - Microchip Technology TC850CPL Datasheet HTML 9Page - Microchip Technology TC850CPL Datasheet HTML 10Page - Microchip Technology TC850CPL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21479C-page 7
TC850
33
37
REF2+
Positive input for reference voltage VREF2. (VREF2 = VREF1/64)
34
38
CREF2+
Positive connection for VREF2 reference capacitor.
35
39
CREF2–
Negative connection for VREF2 reference capacitor.
36
40
REF–
Negative input for reference voltages.
37
41
CREF1–
Negative connection for VREF1 reference capacitor.
38
42
CREF1+
Positive connection for VREF1 reference capacitor.
39
43
REF1+
Positive input for VREF1.
40
44
VDD
Positive power supply connection, typically +5V.
TABLE 2-1:
PIN FUNCTION TABLE (CONTINUED)
Pin Number
(40-Pin
PDIP/CERDIP)
Pin Number
(44-Pin PLCC)
Symbol
Description
Note
1:
This pin incorporates a pull-down resistor to DGND.
2: This pin incorporates a pull-up resistor to VDD.
3: Pins 1, 23 and 34 (44-PLCC) package are NC “No Internal connection”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com