Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC850CPL Datasheet(PDF) 19 Page - Microchip Technology

Part # TC850CPL
Description  15-Bit, Fast Integrating CMOS A/D Converter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC850CPL Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC850CPL Datasheet HTML 15Page - Microchip Technology TC850CPL Datasheet HTML 16Page - Microchip Technology TC850CPL Datasheet HTML 17Page - Microchip Technology TC850CPL Datasheet HTML 18Page - Microchip Technology TC850CPL Datasheet HTML 19Page - Microchip Technology TC850CPL Datasheet HTML 20Page - Microchip Technology TC850CPL Datasheet HTML 21Page - Microchip Technology TC850CPL Datasheet HTML 22Page - Microchip Technology TC850CPL Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 26 page
background image
© 2006 Microchip Technology Inc.
DS21479C-page 19
TC850
FIGURE 8-6:
Conversion Timing, Continuous Mode
FIGURE 8-7:
Bus Output Timing, Continuous Mode
DB0-DB7
Busy
Internal
Clock
Data Meaningless
Data Valid
Data Meaningless
1/2 Clock Cycle
836 Clock Cycles
1280 Internal Clock Cycles
443-1/2 Clock
Cycles
. . . . . . .
. . . . .
. . . . .
RD
BUSY
CONT/DEMAND
DB0-DB7
NOTES: CS = HIGH; CE = LOW
Data Bits 0-7
Data Bits 8-14
Overrange
High-Impedance
State
HI-Z
TRE
TWRE
TWRD
Data Bits 8-14
Polarity



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com