Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC901 Datasheet(PDF) 4 Page - Microchip Technology

Part # TC901
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC901 Datasheet(HTML) 4 Page - Microchip Technology

  TC901 Datasheet HTML 1Page - Microchip Technology TC901 Datasheet HTML 2Page - Microchip Technology TC901 Datasheet HTML 3Page - Microchip Technology TC901 Datasheet HTML 4Page - Microchip Technology TC901 Datasheet HTML 5Page - Microchip Technology TC901 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4
TC901
Dual Auto-Zeroed Operational Amplifiers
TC901- 7 9/5/96
© 2001 Microchip Technology Inc.
DS21480A
Figure 1.
Input Voltage Noise
Figure 3. Recovery From Negative Saturation
Figure 2.
VOS and IDD vs Supply Voltage
Figure 4. Recovery From Positive Saturation
Figure 5. Saturation Test Circuit
1 sec/DIV
0
1
2
3
4
5
6
7
8
9
10
20 msec/DIV
OUTPUT
5 V/DIV
OUTPUT
5 V/DIV
2V
0V
0V
–2V
Figure 6. Phase-Gain
FREQUENCY (Hz)
+50
+240
+180
+120
+60
0
°C
–120
–180
+40
+30
+20
+10
0
0
10
100
1k
10k
100k
1M
–10
–20
–30
–40
PHASE MARGIN
10k
Ω with 50 pF LOAD
36
° at 700 kHz at 70°C
40
° at 800 kHz at 25°C
–15V
+15V
GAIN = 40
R
1= 1kΩ
R
2= 40kΩ
R
1
R
2
OUTPUT
5 msec/DIV
INPUT
2 V/DIV
OUTPUT
5 V/DIV
2V
0V
0V
–15V
±VS (V)
VOS (µV)
VOS
VDD (µA)
0
2
4
4
6
9
10
12
14
18
20
22
16
450
400
350
300
250
200
100
50
0
150
6
8
10
12
14
16
18
20



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com