Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC901 Datasheet(PDF) 2 Page - Microchip Technology

Part # TC901
Description  Dual Auto-Zeroed Operational Amplifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC901 Datasheet(HTML) 2 Page - Microchip Technology

  TC901 Datasheet HTML 1Page - Microchip Technology TC901 Datasheet HTML 2Page - Microchip Technology TC901 Datasheet HTML 3Page - Microchip Technology TC901 Datasheet HTML 4Page - Microchip Technology TC901 Datasheet HTML 5Page - Microchip Technology TC901 Datasheet HTML 6Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
TC901
Dual Auto-Zeroed Operational Amplifiers
TC901- 7 9/5/96
© 2001 Microchip Technology Inc.
DS21480A
ELECTRICAL CHARACTERISTICS: VS ±15V, TA = +25°C, unless otherwise indicated.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
VOS
Input Offset Voltage
TA = +25°C—
7
15
µV
(Figure 2)
TCVOS
Average Temperature
0
°C ≤ TA ≤ +70°C
—
0.05
0.15
µV/°C
Coefficient of Input
(Note 1)
Offset Voltage
IBIAS
Average Input Bias
TA = +25°C
—
30
50
pA
Current
0
°C ≤ TA ≤ +70°C
—
0.2
10
nA
– 25
°C ≤ TA ≤ +85°C
—
0.2
10
nA
IOS
Average Input
TA = +25°C
—
50
100
pA
Offset Current
TA = +85°C—
—
1
nA
eN
Input Voltage Noise
0.1 to 1Hz, RS ≤ 100Ω
—
1.2
—
µVP-P
(Figure 1B)
eN
Input Voltage Noise
0.1 to 10Hz, RS ≤ 100Ω
—5
—
µVP-P
(Figure 1A)
CMRR
Common-Mode Rejection
VSS ≤ VCM ≤ VDD – 2V
120
140
—
dB
Ratio
CMVR
Common-Mode Voltage
VS = ±5V to ±15V
VSS
—VDD –2
V
Range
AOL
Open-Loop Voltage Gain
RL = 10kΩ, VS = ±15V
120
140
—
dB
VOUT
Output Voltage Swing
RL = 10kΩ
VSS + 1
—
VDD –1.2
V
BW
Closed-Loop Bandwidth
Closed-Loop Gain = +1
—
0.8
—
MHz
(Figure 7)
SR
Slew Rate
RL = 10 kW, CL = 50pF
—
2
—
V/
µsec
PSRR
Power Supply Rejection Ratio
VS = ±5V to ±15V
120
140
—
dB
VS
Operating Supply Voltage
Note 2
±3—
±16
V
Range
IS
Quiescent Supply (Figure 2)
VS = ±15V
—
0.45
0.6
mA
NOTES: 1. Characterized; not 100% tested.
2. Single supply operation: VDD = +5V to +32V.
ABSOLUTE MAXIMUM RATINGS*
Total Supply Voltage (VDD to VSS) ........................... +36V
Input Voltage ........................ (VDD + 0.3V) to (VSS – 0.3V)
Current Into Any Pin ................................................. 10mA
While Operating ............................................... 100
µA
Storage Temperature Range ................ – 65
°C to +150°C
Lead Temperature (Soldering, 10 sec) ................. +300
°C
Operating Temperature Range
C Device ................................................ 0
°C to +70°C
Package Power Dissipation (TA ≤ 70°C)
Plastic DIP ...................................................... 730mW
Plastic SOIC ................................................... 470mW
*Static-sensitive device. Appropriate precautions should be taken when
handling, shipping, or storing these devices. Stresses above those listed
under "Absolute Maximum Ratings" may cause permanent damage to the
devices. These are stress ratings only and functional operation of the
device at these or any other conditions above those indicated in the
operational sections of the specifications is not implied.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com