Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9401 Datasheet(PDF) 11 Page - Microchip Technology

Part # TC9401
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9401 Datasheet(HTML) 11 Page - Microchip Technology

Back Button TC9401 Datasheet HTML 7Page - Microchip Technology TC9401 Datasheet HTML 8Page - Microchip Technology TC9401 Datasheet HTML 9Page - Microchip Technology TC9401 Datasheet HTML 10Page - Microchip Technology TC9401 Datasheet HTML 11Page - Microchip Technology TC9401 Datasheet HTML 12Page - Microchip Technology TC9401 Datasheet HTML 13Page - Microchip Technology TC9401 Datasheet HTML 14Page - Microchip Technology TC9401 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 11
TC9400/9401/9402
FIGURE 5-2:
VOLTAGE TO FREQUENCY
FIGURE 5-3:
FIXED VOLTAGE - SINGLE SUPPLY OPERATION
R1
910k
R4
100k
1
µF
D2
5.1VZ
R2
910k
R5
91k
Rp
Offset
20k
100k
D1
5.1VZ
0.1
µ
100k
CREF
CINT
1.2k
+12 to +15V
10k
10k
Output
Frequency
Digital
Ground
Analog Ground
Input
Voltage
(0 to 10V)
R3
Gain
TC9400
11
12
5
3
2
6
7
1
4
14
9
10
8
Threshold
Detect
Amp Out
CREF
IIN
Zero Adjust
GND
VREF
IBIAS
Output
Common
FOUT/2
FOUT
VDD
VSS
Component Selection
F/S FREQ.
1kHz
10kHz
100kHz
CREF
2200pF
180pF
27pF
CINT
4700pF
470pF
75pF
V+ = 8V to 15V (Fixed)
14
8
10k
Ω
10k
Ω
FOUT
FOUT/2
10
14
9
100k
Ω
0V–10V
IIN
180
pF
820
pF
3
5
12
11
7
0.01
µF
2
k
Ω
8.2
k
Ω
6
2
V2
R2
0.9
R1
0.2
R1
RIN
1M
Ω
IIN
VREF
TC9400
Offset
Adjust
Gain
Adjust
V+
10V
12V
15V
1M
Ω
1.4M
Ω
2M
Ω
R1
R2
10k
Ω
14k
Ω
20k
Ω
FOUT = IIN
1
(V2 – V7) (CREF)
(VIN – V2)
(V+ – V2)
+
IIN =
RIN
(0.9R1 + 0.2R1)
5V
0.01
µF
VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com