Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9401 Datasheet(PDF) 15 Page - Microchip Technology

Part # TC9401
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9401 Datasheet(HTML) 15 Page - Microchip Technology

Back Button TC9401 Datasheet HTML 11Page - Microchip Technology TC9401 Datasheet HTML 12Page - Microchip Technology TC9401 Datasheet HTML 13Page - Microchip Technology TC9401 Datasheet HTML 14Page - Microchip Technology TC9401 Datasheet HTML 15Page - Microchip Technology TC9401 Datasheet HTML 16Page - Microchip Technology TC9401 Datasheet HTML 17Page - Microchip Technology TC9401 Datasheet HTML 18Page - Microchip Technology TC9401 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 15
TC9400/9401/9402
8.0
F/V POWER-ON RESET
In F/V mode, the TC9400 output voltage will occasion-
ally be at its maximum value when power is first
applied. This condition remains until the first pulse is
applied to FIN. In most frequency measurement appli-
cations, this is not a problem because proper operation
begins as soon as the frequency input is applied.
In some cases, however, the TC9400 output must be
zero at power-on without a frequency input. In such
cases, a capacitor connected from Pin 11 to VDD will
usually be sufficient to pulse the TC9400 and provide a
Power-on Reset (see Figure 8-1 (a) and (b)). Where
predictable power-on operation is critical, a more com-
plicated circuit, such as Figure 8-1 (b), may be
required.
FIGURE 8-1:
POWER-ON OPERATION/RESET
VDD
14
11
1000pF
Threshold
Detector
1k
Ω
FIN
VDD
100k
Ω
1
µF
3
4
8
6
FIN
1
2
5
16
VCC
B
R
C
Q
VSS
A
CLRA
CD4538
TC9400
(a)
(b)
To TC9400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com