Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC962MJA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC962MJA
Description  High Current Charge Pump DC-to-DC Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC962MJA Datasheet(HTML) 5 Page - Microchip Technology

  TC962MJA Datasheet HTML 1Page - Microchip Technology TC962MJA Datasheet HTML 2Page - Microchip Technology TC962MJA Datasheet HTML 3Page - Microchip Technology TC962MJA Datasheet HTML 4Page - Microchip Technology TC962MJA Datasheet HTML 5Page - Microchip Technology TC962MJA Datasheet HTML 6Page - Microchip Technology TC962MJA Datasheet HTML 7Page - Microchip Technology TC962MJA Datasheet HTML 8Page - Microchip Technology TC962MJA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
 2002 Microchip Technology Inc.
DS21484B-page 5
TC962
3.0
APPLICATIONS INFORMATION
3.1
Theory of Operation
The TC962 is a capacitive pump (sometimes called a
switched capacitor circuit), where four MOSFET
switches control the charge and discharge of a
capacitor.
The functional block diagram shows how the switching
action works. SW1 and SW2 are turned on simulta-
neously, charging CP to the supply voltage, VIN. This
assumes that the on resistance of the MOSFETs in
series with the capacitor results in a charging time
(3 time constants) that is less than the on time provided
by the oscillator frequency as shown:
3 (RDS(ON) CP) < CP/(0.5 fOSC)
In the next cycle, SW1 and SW2 are turned off and after
a very short interval of all switches being off (this
prevents large currents from occurring due to cross
conduction), SW3 and SW4 are turned on. The charge
in CP is then transferred to CR, but with the polarity
inverted. In this way, a negative voltage is now derived.
An oscillator supplies pulses to a flip-flop that is then
fed to a set of level shifters. These level shifters then
drive each set of switches at one-half the oscillator
frequency.
The oscillator has two pins that control the frequency of
oscillation. Pin 7 can have a capacitor added that is
returned to ground. This will lower the frequency of the
oscillator by adding capacitance to the timing capacitor
internal to the TC962. Grounding pin 6 will turn on a
current source and double the frequency. This will
double the charge current going into the internal
capacitor, as well as any capacitor added to pin 7.
A zener diode has been added to the TC962 for use as
a reference in building external regulators. This zener
runs from pin 1 to ground.
3.2
Latch Up
All CMOS structures contain a parasitic SCR. Care
must be taken to prevent any input from going above or
below the supply rail, or latch up will occur. The result
of latch up is an effective short between VDD and VSS.
Unless the power supply input has a current limit, this
latch up phenomena will result in damage to the device.
(See AN763 Latch-up Protection of CMOS ICs.)
FIGURE 3-1:
TEST CIRCUIT
FIGURE 3-2:
TYPICAL APPLICATIONS
TC962
1
2
3
4
8
690
7
5
CP
+
10
µF
COSC
RL
VOUT
(–5V)
10
µF
CR
IL
IS
V
(+5V)
+
NC
+
1
2
3
TC962
4
8
7
6
5
CP2
CP1
CR1
10
µF
V+
+
+
+
10
µF
VOUT = –V+
VD1
VD2
VOUT =
+
10
µF
Combined Negative Converter and Positive Multiplier
+
CP
10
µF
+
1
2
3
4
8
7
6
5
10
µF
CR
+
VOUT =
V
2
+
Split V+ In Half
TC962
Positive Voltage Multiplier
Lowering Output Resistance by Paralleling Devices
2V –2VD
TC962
1
2
3
4
8
7
6
5
10
µF
10
µF
VOUT =
+
VD2
VD1
+
+
V+
CP
CP
2V –2VD
CP1
10
µF
+
CP2
10
µF
+
TC962
TC962
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
+
V+
VOUT
10
µF
CR
V+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com