Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC962MJA Datasheet (PDF) - Microchip Technology

TC962MJA Datasheet PDF - Microchip Technology
Part # TC962MJA
Download  TC962MJA Download
File Size   434.95 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Current Charge Pump DC-to-DC Converter

TC962MJA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC962MJA Datasheet PDF - Microchip Technology

Part # TC962MJA
Download  TC962MJA Click to download

File Size   434.95 Kbytes
Page   12 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description High Current Charge Pump DC-to-DC Converter

TC962MJA Datasheet (HTML) - Microchip Technology


TC962MJA Product details

GENERAL DESCRIPTION
The TC962 is an advanced version of the industry standard 7662 high-voltage DC-to-DC converter. Using improved design techniques and CMOS construction, the TC962 can source as much as 8mA versus the 7662’s 20mA capability

FEATURES
■ Pin Compatible With TC7662/ICL7662/SI7661
■ High Output Current ....................................... 80mA
■ No External Diodes Required
■ Wide Operating Range ............................. 3V to 18V
■ Low Output Impedance ............................. 28Ω Typ.
■ No Low Voltage Terminal Required
■ Application Zener On Chip
■ OSC Frequency Doubling Pin Option for Smaller Output Capacitors




Similar Part No. - TC962MJA

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC962MJA TELCOM-TC962MJA Datasheet
74Kb / 5P
HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC962MJA MICROCHIP-TC962MJA Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
TC962MJA MICROCHIP-TC962MJA Datasheet
398Kb / 14P
High Current Charge Pump DC-to-DC Converter
11/29/12
More results


Similar Description - TC962MJA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC7660 ONSEMI-MC7660 Datasheet
191Kb / 12P
Charge Pump DC-to-DC Voltage Converter
February, 2000 ??Rev. 2
logo
TelCom Semiconductor, I...
TC1044S TELCOM-TC1044S Datasheet
141Kb / 8P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC7662A TELCOM-TC7662A Datasheet
62Kb / 5P
CHARGE PUMP DC-TO-DC CONVERTER
TC7662B TELCOM-TC7662B Datasheet
133Kb / 9P
CHARGE PUMP DC-TO-DC VOLTAGE CONVERTER
TC962 TELCOM-TC962 Datasheet
74Kb / 5P
HIGH CURRENT CHARGE PUMP DC-TO-DC CONVERTER
logo
Microchip Technology
TC7662A MICROCHIP-TC7662A Datasheet
53Kb / 7P
CHARGE PUMP DC-TO-DC CONVERTER
2001
TC7662A MICROCHIP-TC7662A_02 Datasheet
457Kb / 14P
Charge Pump DC-to-DC Converter
2002
TC1047 MICROCHIP-TC1047_06 Datasheet
468Kb / 12P
High Current Charge Pump DC-to-DC Converter
2006
TC962 MICROCHIP-TC962_13 Datasheet
398Kb / 14P
High Current Charge Pump DC-to-DC Converter
11/29/12
TC7662A MICROCHIP-TC7662A_13 Datasheet
231Kb / 16P
Charge Pump DC-to-DC Converter
11/29/12
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com