Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402CPD Datasheet(PDF) 3 Page - Microchip Technology

Part # TC9402CPD
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402CPD Datasheet(HTML) 3 Page - Microchip Technology

  TC9402CPD Datasheet HTML 1Page - Microchip Technology TC9402CPD Datasheet HTML 2Page - Microchip Technology TC9402CPD Datasheet HTML 3Page - Microchip Technology TC9402CPD Datasheet HTML 4Page - Microchip Technology TC9402CPD Datasheet HTML 5Page - Microchip Technology TC9402CPD Datasheet HTML 6Page - Microchip Technology TC9402CPD Datasheet HTML 7Page - Microchip Technology TC9402CPD Datasheet HTML 8Page - Microchip Technology TC9402CPD Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
© 2002 Microchip Technology Inc.
DS21483B-page 3
TC9400/9401/9402
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings*
VDD –VSS ...........................................................+18V
IIN ........................................................................ 10mA
VOUTMAX –VOUT Common...................................... 23V
VREF –VSS ..........................................................-1.5V
Storage Temperature Range .............. -65°C to +150°C
Operating Temperature Range:
C Device ........................................... 0°C to +70°C
E Device......................................... -40°C to +85°C
Package Dissipation (TA ≤ 70°C):
8-Pin CerDIP .............................................. 800mW
8-Pin Plastic DIP ........................................ 730mW
8-Pin SOIC ................................................. 470mW
*Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to the device. These
are stress ratings only and functional operation of the device
at these or any other conditions above those indicated in the
operation sections of the specifications is not implied.
Exposure to Absolute Maximum Rating conditions for
extended periods may affect device reliability.
TC940X ELECTRICAL SPECIFICATIONS
Electrical Characteristics: VDD =+5V,VSS =-5V, VGND =0V, VREF =-5V,RBIAS =100kΩ, Full Scale = 10kHz, unless otherwise
specified. TA = +25°C, unless temperature range is specified (-40°C to +85°C for E device, 0°C to +70°C for C device).
Parameter
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Units
Test Conditions
Voltage-to-Frequency
Accuracy
TC9400
TC9401
TC9402
Linearity 10kHz
—
0.01
0.05
—
0.004
0.01
—
0.05
0.25
%
Full Scale
Output Deviation from
Straight Line Between
Normalized Zero and
Full Scale Input
Linearity 100kHz
—
0.1
0.25
—
0.04
0.08
—
0.25
0.5
%
Full Scale
Output Deviation from
Straight Line Between
Normalized Zero Read-
ing and Full Scale Input
Gain Temperature
Drift (Note 1)
—
±25
±40
—
±25
±40
—
±50
±100
ppm/°C
Full Scale
VariationinGainA due
to Temperature Change
Gain Variance
—
±10
—
—
±10
—
—
±10
—
% of
Nominal
Variation from Ideal
Accuracy
Zero Offset
(Note 2)
—
±10
±50
—
±10
±50
—
±20
±100
mV
Correction at Zero
Adjust for Zero Output
when Input is Zero
Zero Temperature
Drift (Note 1)
—
±25
±50
—
±25
±50
—
±50
±100
µV/°C
VariationinZeroOffset
DuetoTemperature
Change
Note
1:
Full temperature range; not tested.
2:
IIN =0.
3:
Full temperature range, IOUT =10mA.
4:
IOUT =10µA.
5:
Threshold Detect = 5V, Amp Out = 0V, full temperature range.
6:
10Hz to 100kHz; not tested.
7:
5
µsec minimum positive pulse width and 0.5µsec minimum negative pulse width.
8:
tR =tF =20nsec.
9:
RL ≥ 2kΩ, tested @ 10kΩ.
10: Full temperature range, VIN = -0.1V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com