Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC9402CPD Datasheet(PDF) 16 Page - Microchip Technology

Part # TC9402CPD
Description  Voltage-to-Frequency/Frequency-to-Voltage Converters
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC9402CPD Datasheet(HTML) 16 Page - Microchip Technology

Back Button TC9402CPD Datasheet HTML 12Page - Microchip Technology TC9402CPD Datasheet HTML 13Page - Microchip Technology TC9402CPD Datasheet HTML 14Page - Microchip Technology TC9402CPD Datasheet HTML 15Page - Microchip Technology TC9402CPD Datasheet HTML 16Page - Microchip Technology TC9402CPD Datasheet HTML 17Page - Microchip Technology TC9402CPD Datasheet HTML 18Page - Microchip Technology TC9402CPD Datasheet HTML 19Page - Microchip Technology TC9402CPD Datasheet HTML 20Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TC9400/9401/9402
DS21483B-page 16
© 2002 Microchip Technology Inc.
9.0
PACKAGE INFORMATION
9.1
Package Marking Information
Package marking data is not available at this time.
9.2
Taping Form
9.3
Package Dimensions
PIN 1
Component Taping Orientation for 14-Pin SOIC (Narrow) Devices
User Direction of Feed
Standard Reel Component Orientation
for TR Suffix Device
W
P
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
14-Pin SOIC (N)
12 mm
8 mm
2500
13 in
Carrier Tape, Reel Size, and Number of Components Per Reel
Dimensions: inches (mm)
.780 (19.81)
.740 (18.80)
.300 (7.62)
.230 (5.84)
.200 (5.08)
.160 (4.06)
.200 (5.08)
.125 (3.18)
.110 (2.79)
.090 (2.29)
.065 (1.65)
.045 (1.14)
.020 (0.51)
.016 (0.41)
.040 (1.02)
.020 (0.51)
.098 (2.49) MAX.
.030 (0.76) MIN.
14-Pin CDIP (Narrow)
.400 (10.16)
.320 (8.13)
.015 (0.38)
.008 (0.20)
3
° MIN.
PIN 1
.320 (8.13)
.290 (7.37)
.150 (3.81)
MIN.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com