Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N65AG-AA3-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 1N65AG-AA3-R
Description  N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65AG-AA3-R Datasheet(HTML) 8 Page - Unisonic Technologies

  1N65AG-AA3-R Datasheet HTML 1Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 2Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 3Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 4Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 5Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 6Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 7Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 8Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
1N65A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-584.C
TYPICAL CHARACTERISTICS (Cont.)
-100
Junction Temperature, TJ (°C)
-50
50
200
VGS=0V
ID=250μA
100
150
1.2
Breakdown Voltage vs. Temperature
0
1.1
1.0
0.9
0.8
-100
Junction Temperature, TJ (°C)
-50
50
200
VGS=10V
ID=0.5A
100
150
3.0
On-Resistance vs. Temperature
0
2.0
1.0
0.5
0.0
1.5
2.5
101
10-1
10-2
Drain-Source Voltage, VDS (V)
Max. Safe Operating Area
102
1ms
101
100
100μs
10ms
100
103
Operation in This
Area is Limited by
RDS(on)
Tc=25°C
TJ=150°C
Single Pulse
Case Temperature, TC (°C)
75
100
150
1.0
Max. Drain Current vs. Case Temperature
0.0
125
50
25
0.5
Square Wave Pulse Duration, t1 (sec)
Thermal Response
100
10-5
100
10-1
10-4
10-3
10-2
10-1
101
0.5
0.0
5
0.0
2
Single pulse
0.0
1
0.1
0.2
θJC (t) = 3.45°C/W Max.
Duty Factor, D=t1/t2
TJM-TC=PDM×θJC (t)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com