Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N65AG-AA3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # 1N65AG-AA3-R
Description  N-CHANNEL POWER MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N65AG-AA3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  1N65AG-AA3-R Datasheet HTML 1Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 2Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 3Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 4Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 5Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 6Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 7Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 8Page - Unisonic Technologies 1N65AG-AA3-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
UNISONIC TECHNOLOGIES CO., LTD
1N65A
Power MOSFET
www.unisonic.com.tw
1 of 9
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-584.C
0.5A, 650V N-CHANNEL
POWER MOSFET
DESCRIPTION
The UTC 1N65A is a high voltage power MOSFET designed to
have better characteristics, such as fast switching time, low gate
charge, low on-state resistance and high rugged avalanche
characteristics. This power MOSFET is usually used in high speed
switching applications at power supplies, PWM motor controls, high
efficient DC to DC converters and bridge circuits.
FEATURES
* RDS(ON) <15.5Ω@ VGS = 10V, ID = 0.5A
* Ultra Low gate charge (typical 8.0nC)
* Low reverse transfer capacitance (CRSS = 3.0 pF(max))
* Fast switching capability
* Avalanche energy specified
* Improved dv/dt capability, high ruggedness
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
1N65AG-AA3-R
SOT-223
G
D
S
Tape Reel
1N65AL-T92-B
1N65AG-T92-B
TO-92
GD
S
Tape Box
1N65AL-T92-K
1N65AG-T92-K
TO-92
GD
S
Bulk
Note: Pin Assignment: G: Gate D: Drain S: Source
(1) B: Tape Box, K: Bulk, R: Tape Reel
(2) AA3: SOT-223, T92: TO-92
(3) G: Halogen Free and Lead Free, L: Lead Free
1N65AG-AA3-R
(1)Packing Type
(2)Package Type
(3)Green Package


Similar Part No. - 1N65AG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1N65AG-T92-B UTC-1N65AG-T92-B Datasheet
202Kb / 8P
0.5A, 650V N-CHANNEL POWER MOSFET
1N65AG-T92-K UTC-1N65AG-T92-K Datasheet
202Kb / 8P
0.5A, 650V N-CHANNEL POWER MOSFET
1N65AG-T92-R UTC-1N65AG-T92-R Datasheet
202Kb / 8P
0.5A, 650V N-CHANNEL POWER MOSFET
More results

Similar Description - 1N65AG-AA3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQA70N15 FAIRCHILD-FQA70N15 Datasheet
738Kb / 8P
N-Channel Power MOSFET
FQA90N15 FAIRCHILD-FQA90N15 Datasheet
749Kb / 8P
N-Channel Power MOSFET
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
N-Channel Power MOSFET
logo
Gunter Seniconductor Gm...
GFC224 GSG-GFC224 Datasheet
100Kb / 1P
N Channel Power MOSFET
GFC250 GSG-GFC250 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC254 GSG-GFC254 Datasheet
114Kb / 1P
N Channel Power MOSFET
GFC330 GSG-GFC330 Datasheet
98Kb / 1P
N Channel Power MOSFET
logo
ON Semiconductor
EMH2412-TL-H ONSEMI-EMH2412-TL-H Datasheet
550Kb / 7P
N-Channel Power MOSFET
July, 2013
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
MOSFET N-CHANNEL POWER MOSFET
REV1.0
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com