Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60AL-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 1N60AL-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60AL-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  1N60AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
1N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 7
www.unisonic.com.tw
QW-R502-091.K
ABSOLUTE MAXIMUM RATINGS (TC = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
600
V
Gate-Source Voltage
VGSS
±30
V
Continuous Drain Current
ID
0.5
A
Pulsed Drain Current (Note 2)
IDM
2
A
Avalanche Energy
Single Pulse(Note 3)
EAS
50
mJ
Repetitive(Note 2)
EAR
3.6
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
Power Dissipation (TC=25°C)
SOT-223
PD
6.25
W
TO-251/TO-252
34
TO-92
3
Derate above 25°C
SOT-223
0.05
W/°C
TO-251/TO-252
0.27
TO-92
0.025
Junction Temperature
TJ
+150
°C
Operating Temperature
TOPR
-55 ~ +150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Repetitive Rating: Pulse width limited by maximum junction temperature
3. L=92mH, IAS=0.8A, VDD=50V, RG=0Ω, Starting TJ=25°C
4. ISD≤1.0A, di/dt≤100A/μs, VDD≤BVDSS, Starting TJ=25°C
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
SOT-223
θJA
150
°C/W
TO-251/TO-252
110
TO-92
160
Junction to Case
SOT-223
θJC
20
°C/W
TO-251/TO-252
5
TO-92
80



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com