Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N60AL-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 1N60AL-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

1N60AL-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  1N60AL-TN3-R Datasheet HTML 1Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 2Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 3Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 4Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 5Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 6Page - Unisonic Technologies 1N60AL-TN3-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1N60A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 7
www.unisonic.com.tw
QW-R502-091.K
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0V, ID = 250μA
600
V
Drain-Source Leakage Current (TJ =25°C)
IDSS
VDS = 600V, VGS = 0V
10
μA
Drain-Source Leakage Current (TJ =125°C)
10
Gate-Source Leakage Current
Forward
IGSS
VGS = 30V, VDS = 0V
100
nA
Reverse
VGS = -30V, VDS = 0V
-100
nA
Breakdown Voltage Temperature
Coefficient
△
BVDSS △
/TJ
ID = 250μA
referenced to 25°C
0.4
V/°C
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10V, ID = 0.5A
11
15
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1MHz
100
pF
Output Capacitance
COSS
20
pF
Reverse Transfer Capacitance
CRSS
3
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD (ON)
VDD=300V, ID=0.5A, RG=5Ω
(Note 1,2)
12
34
ns
Turn-On Rise Time
tR
11
32
ns
Turn-Off Delay Time
tD (OFF)
40
90
ns
Turn-Off Fall Time
tF
18
46
ns
Total Gate Charge
QG
VDS=480V, VGS=10V, ID=0.8A
(Note 1,2)
8
10
nC
Gate-Source Charge
QGS
1.8
nC
Gate-Drain Charge
QGD
4.0
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, ISD = 1.2A
1.6
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
1.2
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
4.8
A
Reverse Recovery Time
tRR
VGS=0V, ISD = 1.2A
di/dt = 100A/μs
136
ns
Reverse Recovery Charge
QRR
0.3
μC
Notes: 1. Pulse Test: Pulse Width≤300μs, Duty Cycle≤2%
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com