Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N80G-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # 3N80G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80G-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  3N80G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 7Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-283.I
ABSOLUTE MAXIMUM RATINGS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage (VGS=0V)
VDSS
800
V
Drain-Gate Voltage (RG=20kΩ)
VDGR
800
V
Gate-Source Voltage
VGSS
±30
V
Gate-Source Breakdown Voltage (IGS=±1mA)
BVGSO
30 (MIN)
V
Insulation Withstand Voltage (DC) TO-220F/ TO-220F1
VISO
2500
V
Avalanche Current (Note 2)
IAR
3
A
Continuous Drain Current
ID
3
A
Pulsed Drain Current
IDM
10
A
Single Pulse Avalanche Energy (Note 3)
EAS
170
mJ
Peak Diode Recovery dv/dt (Note 4)
dv/dt
4.5
V/ns
TO-220
70
TO-220F/ TO-220F1
TO-220F2
25
Power Dissipation
TO-251/ TO-252
PD
50
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
3.
4.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width limited by TJ(MAX)
starting TJ=25 °C, ID=IAR, VDD=50V
ISD≦2.5A, di/dt≦200A/μs, VDD≦BVDSS, TJ≦TJ(MAX).
THERMAL DATA
PARAMETER
SYMBOL
RATING
UNIT
TO-220F/TO-220F1
TO-220F2
62.5
TO-220
125
Junction to Ambient
TO-251/TO-252
θJA
110
°C/W
TO-220
1.78
TO-220F/ TO-220F1
TO-220F2
5
Junction to Case
TO-251/ TO-252
θJC
2.5
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com