Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3N80G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 3N80G-TN3-R
Description  N-CHANNEL POWER MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

3N80G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  3N80G-TN3-R Datasheet HTML 1Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 2Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 3Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 4Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 5Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 6Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 7Page - Unisonic Technologies 3N80G-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3N80
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-283.I
ELECTRICAL CHARACTERISTICS (TC=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250μA
800
V
Drain-Source Leakage Current
IDSS
VDS=800V, VGS=0V
1
μA
Gate-Source Leakage Current
IGSS
VGS=±30V, VDS=0V
±10
μA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250μA
3
3.75 4.5
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=1.5A
3.2
4.2
Ω
Forward Transconductance (Note 1)
gFS
VDS=15V, ID=1.5A
2.1
S
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
485
pF
Output Capacitance
COSS
57
pF
Reverse Transfer Capacitance
CRSS
VDS=25V, VGS=0V, f=1MHz
11
pF
Equivalent Output Capacitance (Note 2)
COSS(EQ)
VGS=0V, VDS=0V~640V
22
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
17
ns
Turn-On Rise Time
tR
27
ns
Turn-Off Delay Time
tD(OFF)
36
ns
Turn-Off Fall Time
tF
VDD=400V, ID=3 A,
RG=4.7Ω, VGS=10V
40
ns
Total Gate Charge
QG
19
nC
Gate-Source Charge
QGS
3.2
nC
Gate-Drain Charge
QDD
VDD=640V, ID=3A, VGS=10V
10.8
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage(Note 1)
VSD
ISD=3A ,VGS=0V
1.6
V
Source-Drain Current
ISD
2.5
A
Source-Drain Current (Pulsed)
ISDM
10
A
Reverse Recovery Current
IRRM
8.4
A
Body Diode Reverse Recovery Time
trr
384
ns
Body Diode Reverse Recovery Charge
QRR
ISD=3A, di/dt=100A/μs,
VDD=50V, TJ=25°C
1600
nC
Note: 1. Pulse width = 300μs, Duty cycle≦1.5%
Note: 2. COSS(EQ) is defined as constant equivalent capacitance giving the same charging time as COSS when VDS
increases from 0to 80% VDSS.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com