Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65G-TQ2-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # 4N65G-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65G-TQ2-R Datasheet(HTML) 4 Page - Unisonic Technologies

  4N65G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 9
www.unisonic.com.tw
QW-R502-397.N
ELECTRICAL CHARACTERISTICS (TC =25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS = 0 V, ID = 250μA
650
V
VDS = 650 V, VGS = 0 V
10
μA
Drain-Source Leakage Current
IDSS
VDS = 480 V, TC =125°С
100
μA
Forward
VGS = 30 V, VDS = 0 V
100
nA
Gate-Source Leakage Current
Reverse
IGSS
VGS = -30 V, VDS = 0 V
-100
nA
Breakdown Voltage Temperature Coefficient
△
BVDSS/△TJ ID=250μA, Referenced to 25°C
0.6
V/°С
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS = VGS, ID = 250μA
2.0
4.0
V
Static Drain-Source On-State Resistance
RDS(ON)
VGS = 10 V, ID = 2.2A
2.4
2.5
Ω
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
670 750
pF
Output Capacitance
COSS
70
90
pF
Reverse Transfer Capacitance
CRSS
VDS = 25 V, VGS = 0V,
f = 1MHz
23
26
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
45
85
ns
Turn-On Rise Time
tR
100 140
ns
Turn-Off Delay Time
tD(OFF)
200 240
ns
Turn-Off Fall Time
tF
VDS = 325V, ID = 4.0A,
RG = 25Ω (Note 1, 2)
130 150
ns
Total Gate Charge
QG
100 120
nC
Gate-Source Charge
QGS
17
19
nC
Gate-Drain Charge
QGD
VDS= 520V,ID= 4.0A,
VGS= 10V (Note 1, 2)
20
26
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
VGS = 0 V, IS = 4.4A
1.4
V
Maximum Continuous Drain-Source
Diode Forward Current
IS
4.4
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
17.6
A
Reverse Recovery Time
trr
250
ns
Reverse Recovery Charge
QRR
VGS = 0V, IS = 4.4A,
dIF/dt = 100 A/μs (Note 1)
1.5
μC
Note: 1. Pulse Test: Pulse width≤300μs, Duty cycle≤2%.
2. Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com