Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4N65G-TQ2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 4N65G-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

4N65G-TQ2-R Datasheet(HTML) 8 Page - Unisonic Technologies

  4N65G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 4N65G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
4N65
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-397.N
TYPICAL CHARACTERISTICS(Cont.)
1200
0
0.1
Drain-SourceVoltage, VDS (V)
1000
200
110
Ciss
800
600
Notes:
1. VGS=0V
2. f = 1MHz
Ciss=Cgs+Cgd (Cds=shorted)
Coss=Cds+Cgd Crss=Cgd
Capacitance Characteristics
(Non-Repetitive)
0
Total Gate Charge, QG (nC)
5
15
25
Note: ID=4A
8
10
12
10
6
4
2
0
VDS=120V
VDS=300V
VDS=480V
20
Gate Charge Characteristics
Coss
Crss
400



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com