Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60G-TQ2-R Datasheet(PDF) 6 Page - Unisonic Technologies

Part # 7N60G-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60G-TQ2-R Datasheet(HTML) 6 Page - Unisonic Technologies

  7N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
7N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
6 of 9
www.unisonic.com.tw
QW-R502-076. O
TEST CIRCUITS AND WAVEFORMS (Cont.)
VGS
D.U.T.
RG
10V
VDS
RL
Pulse Width≤ 1μs
Duty Factor≤0.1%
VDD
Switching Test Circuit
Switching Waveforms
50kΩ
0.3µF
DUT
Same
Type as
D.U.T.
0.2µF
12V
VGS
3mA
VDS
Gate Charge Test Circuit
Gate Charge Waveform
Unclamped Inductive Switching Test Circuit
Unclamped Inductive Switching Waveforms



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com