Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7N60G-TQ2-R Datasheet(PDF) 8 Page - Unisonic Technologies

Part # 7N60G-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

7N60G-TQ2-R Datasheet(HTML) 8 Page - Unisonic Technologies

  7N60G-TQ2-R Datasheet HTML 1Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 2Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 3Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 4Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 5Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 6Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 7Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 8Page - Unisonic Technologies 7N60G-TQ2-R Datasheet HTML 9Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
7N60
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
8 of 9
www.unisonic.com.tw
QW-R502-076. O
TYPICAL CHARACTERISTICS(Cont.)
Square Wave Pulse Duration, t1 (sec)
Transient Thermal Response Curve
Case Temperature, TC (°C)
75
100
0
125
50
25
2.5
3.75
5.0
6.25
7.5
Maximum Drain Current vs. Case
Temperature
1.25
150
1
0.1
0.01
10-5
10-4
10-3
10-2
10-1
100
101
Notes:
1. θJC (t) = 1.18°C/W Max.
2. Duty Factor, D=t1/t2
3. TJM-TC=PDM×θJC (t)
D=0.5
0.2
0.1
0.05
0.02
0.01
Single Pulse
100
10-1
10-2
Drain-Source Voltage, VDS (V)
102
101
100
103
Safe Operating Area – 600V
Notes:
1. TJ=25°C
2. TJ=150°C
3. Single Pulse
DC
10ms
1ms
100µs
Operation in This Area is Limited by RDS(on)
101
600



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com